Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 67 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 67 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 63Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 64Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 65Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 66Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 67Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 68Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 69Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 70Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 212 page
background image
High-Level Output Voltage (V)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
-160
-140
-120
-100
-80
-60
-40
-20
0
D007
TA = 25°C
TA = 85°C
High-Level Output Voltage (V)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
-85
-75
-65
-55
-45
-35
-25
-15
-5
D003
TA = 25°C
TA = 85°C
Low-Level Output Voltage (V)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
-10
0
10
20
30
40
50
60
70
80
90
100
D005
TA = 25°C
TA = 85°C
Low-Level Output Voltage (V)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
0
20
40
60
80
100
120
140
160
D009
TA = 25°C
TA = 85°C
67
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
5.26.6.2 Typical Characteristics, High-Drive I/O Outputs at 3.0 V and 2.2 V
VCC = 2.2 V
P2.1
Figure 5-23. Low-Level Output Voltage vs
Low-Level Output Current
VCC = 3.0 V
P2.1
Figure 5-24. Low-Level Output Voltage vs
Low-Level Output Current
VCC = 2.2 V
P2.1
Figure 5-25. High-Level Output Voltage vs
High-Level Output Current
VCC = 3.0 V
P2.1
Figure 5-26. High-Level Output Voltage vs
High-Level Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com