Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 96 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 96 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 92Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 93Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 94Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 95Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 96Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 97Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 98Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 99Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 212 page
background image
TDO Output Valid
TCK
t
TDO_DV
TDO
TDI
TMS
TDI Input Valid
t
TDO_DVZ
t
TDI_SU
t
TDI_HLD
TMS Input Valid
t
TDI_SU
t
TDI_HLD
t
TDO_ZDV
t
TMS_HLD
t
TMS_SU
TMS Input Valid
TDI Input Valid
TDO Output Valid
t
TMS_HLD
t
TMS_SU
TCK
t
TCK_FALL
t
TCK_RISE
t
TCK_LOW
t
TCK_HIGH
t
TCK
96
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
5.26.14 Emulation and Debug
Table 5-52 lists the characteristics of the JTAG interface.
Table 5-52. JTAG
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
fTCK
TCK clock frequency
0
10
MHz
tTCK
TCK clock period
100
ns
tTCK_LOW
TCK clock low time
tTCK/2
ns
tTCK_HIGH
TCK clock high time
tTCK/2
ns
tTCK_RISE
TCK rise time
0
10
ns
tTCK_FALL
TCK fall time
0
10
ns
tTMS_SU
TMS setup time to TCK rise
30
ns
tTMS_HLD
TMS hold time from TCK rise
9
ns
tTDI_SU
TDI setup time to TCK rise
20
ns
tTDI_HLD
TDI hold time from TCK rise
7
ns
tTDO_ZDV
TCK fall to data valid from high impedance
9
44
ns
tTDO_DV
TCK fall to data valid from data valid
9
44
ns
tTDO_DVZ
TCK fall to high impedance from data valid
8
38
ns
Figure 5-74. JTAG Test Clock Input Timing
Figure 5-75. JTAG Test Access Port (TAP) Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com