Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 60 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 60 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 56Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 57Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 58Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 59Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 60Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 61Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 62Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 63Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 212 page
background image
60
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
5.26.5 Power Supply System
Table 5-19 lists the LDO VCORE regulator characteristics.
Table 5-19. VCORE Regulator (LDO) Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCORE0-HP
Static VCORE voltage level 0
in active and LPM0 modes
Device power modes AM_LDO_VCORE0,
LPM0_LDO_VCORE0
1.12
1.2
1.28
V
VCORE1-HP
Static VCORE voltage level 1
in active and LPM0 modes
Device power modes AM_LDO_VCORE1,
LPM0_LDO_VCORE1
1.31
1.4
1.49
V
VCORE0-LF
Static VCORE voltage level 0
in low-frequency active and
low-frequency LPM0 modes
Device power modes AM_LF_VCORE0
1.12
1.2
1.28
V
VCORE1-LF
Static VCORE voltage level 1
in low-frequency active and
low-frequency LPM0 modes
Device power modes AM_LF_VCORE1
1.31
1.4
1.49
V
VCORE0-LPM34
Static VCORE voltage level 0
in LPM3 and LPM4 modes
Device power modes LPM3, LPM4
1.08
1.2
1.32
V
VCORE1-LPM34
Static VCORE voltage level 1
in LPM3 and LPM4 modes
Device power modes LPM3, LPM4
1.27
1.4
1.53
V
VCORE0-LPM35
Static VCORE voltage level 0
in LPM3.5 mode
Device power mode LPM3.5
1.08
1.2
1.32
V
IINRUSH-ST
Inrush current at start-up
Device power up
200
mA
IPEAK-LDO
Peak current drawn by LDO
from DVCC
350
mA
ISC-coreLDO
Short-circuit current limit for
core LDO
Measured when output is shorted to ground
300
mA
Table 5-20 lists the DC/DC VCORE regulator characteristics.
(1)
When DVCC falls below this voltage, the regulator automatically switches from DC/DC to LDO.
Table 5-20. VCORE Regulator (DC/DC) Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DVCC-DCDC
Allowed DVCC range for DC/DC
operation
DCDC_FORCE = 1
1.8
3.7
V
VDCDC_SO
(1)
DC/DC to LDO switch over
voltage
dDVCC/dt = 1 V/ms, DCDC_FORCE = 0
1.8
2.0
V
VCORE0-DCDC
Static VCORE voltage level 0 in
DC/DC high-performance modes
Device power modes
AM_DCDC_VCORE0,
LPM0_DCDC_VCORE0
1.12
1.2
1.28
V
VCORE1-DCDC
Static VCORE voltage level 1 in
DC/DC high-performance modes
Device power modes
AM_DCDC_VCORE1,
LPM0_DCDC_VCORE1
1.31
1.4
1.49
V
IPEAK-DCDC
Peak current drawn by DC/DC
from DVCC
300
mA
ISC-DCDC
Short-circuit current limit for
DC/DC
Measured when output is shorted to
ground
500
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com