Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 63 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 63 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 59Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 60Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 61Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 62Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 63Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 64Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 65Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 66Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 212 page
background image
63
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
5.26.6 Digital I/Os
Table 5-23 lists the characteristics of the digital inputs.
(1)
The input leakage current is measured with VSS or VCC applied to the corresponding pins, unless otherwise noted.
(2)
The input leakage of the digital port pins is measured individually. The port pin is selected for input and the pullup/pulldown resistor is
disabled.
(3)
An external signal sets the interrupt flag every time the minimum interrupt pulse duration tint is met. It may be set by trigger signals
shorter than tint.
(4)
A trigger pulse duration less than the MIN value is always filtered, and a trigger pulse duration more than the MAX value is always
passed. The trigger pulse may or may not be filtered if the duration is between the MIN and MAX values.
(5)
Not applicable if RSTn/NMI pin configured as NMI.
Table 5-23. Digital Inputs (Applies to Both Normal and High-Drive I/Os)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VIT+
Positive-going input threshold voltage
2.2 V
0.99
1.65
V
3 V
1.35
2.25
VIT–
Negative-going input threshold voltage
2.2 V
0.55
1.21
V
3 V
0.75
1.65
Vhys
Input voltage hysteresis (VIT+ – VIT–)
2.2 V
0.32
0.84
V
3 V
0.4
1.0
RPull
Pullup or pulldown resistor
For pullup: VIN = VSS,
For pulldown: VIN = VCC
20
30
40
kΩ
CI,dig
Input capacitance, digital only port pins
VIN = VSS or VCC
11
pF
CI,ana
Input capacitance, port pins shared with
analog functions
VIN = VSS or VCC
11
pF
Ilkg,ndio
Normal I/O high-impedance input leakage
current
See (1)(2)
2.2 V, 3 V
±20
nA
Ilkg,hdio
High-drive I/O high-impedance input leakage
current
See (1)(2)
2.2 V, 3 V
±20
nA
tint
External interrupt timing (external trigger
pulse duration to set interrupt flag)
Ports with interrupt capability and
without glitch filter (3)
2.2 V, 3 V
20
ns
Ports with interrupt capability and
with glitch filter, glitch filter disabled
(GLTFLT_EN = 0) (3)
2.2 V, 3 V
20
Ports with interrupt capability and
with glitch filter, glitch filter enabled
(GLTFTL_EN = 1) (4)
2.2 V, 3 V
0.25
1
µs
tRST
External reset pulse duration on RSTn pin(5)
2.2 V, 3 V
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com