Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 28 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 28 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 24Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 25Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 26Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 27Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 28Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 29Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 30Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 31Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 212 page
background image
28
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Terminal Configuration and Functions
Copyright © 2017–2018, Texas Instruments Incorporated
Table 4-3. Signal Descriptions (continued)
FUNCTION
SIGNAL NAME
SIGNAL NO. (1)
SIGNAL
TYPE (2)
DESCRIPTION
PZ
RGC
Reference
VREF+
70
45
O
Internal shared reference voltage positive terminal
VREF-
71
46
O
Internal shared reference voltage negative terminal
VeREF+
70
45
I
Positive terminal of external reference voltage to ADC
VeREF-
71
46
I
Negative terminal of external reference voltage to ADC
(recommended to connect to onboard ground)
SPI
UCA0CLK
5
2
I/O
Clock signal input for eUSCI_A0 SPI slave mode
Clock signal output for eUSCI_A0 SPI master mode
UCA0SIMO
7
4
I/O
Slave in, master out for eUSCI_A0 SPI mode
UCA0SOMI
6
3
I/O
Slave out, master in for eUSCI_A0 SPI mode
UCA0STE
4
1
I/O
Slave transmit enable for eUSCI_A0 SPI mode
UCA3CLK
97
N/A
I/O
Clock signal input for eUSCI_A3 SPI slave mode
Clock signal output for eUSCI_A3 SPI master mode
UCA3SIMO
99
N/A
I/O
Slave in, master out for eUSCI_A3 SPI mode
UCA3SOMI
98
N/A
I/O
Slave out, master in for eUSCI_A3 SPI mode
UCA3STE
96
N/A
I/O
Slave transmit enable for eUSCI_A3 SPI mode
UCB0CLK
9
6
I/O
Clock signal input for eUSCI_B0 SPI slave mode
Clock signal output for eUSCI_B0 SPI master mode
UCB0SIMO
10
7
I/O
Slave in, master out for eUSCI_B0 SPI mode
UCB0SOMI
11
8
I/O
Slave out, master in for eUSCI_B0 SPI mode
UCB0STE
8
5
I/O
Slave transmit enable for eUSCI_B0 SPI mode
UCB1CLK
77
N/A
I/O
Clock signal input for eUSCI_B1 SPI slave mode
Clock signal output for eUSCI_B1 SPI master mode
UCB1SIMO
78
N/A
I/O
Slave in, master out for eUSCI_B1 SPI mode
UCB1SOMI
79
N/A
I/O
Slave out, master in for eUSCI_B1 SPI mode
UCB1STE
76
N/A
I/O
Slave transmit enable for eUSCI_B1 SPI mode
UCB3CLK
1
31
18
I/O
Clock signal input for eUSCI_B3 SPI slave mode
Clock signal output for eUSCI_B3 SPI master mode
UCB3SIMO
2
80
49
I/O
Slave in, master out for eUSCI_B3 SPI mode
UCB3SOMI
3
81
50
I/O
Slave out, master in for eUSCI_B3 SPI mode
UCB3STE
30
100
17
I/O
Slave transmit enable for eUSCI_B3 SPI mode
System
NMI
83
52
I
External nonmaskable interrupt
RSTn
83
52
I
External reset (active low)
SVMHOUT
60
35
O
SVMH output
Thermal
QFN Pad
N/A
Pad
–
QFN package exposed thermal pad. TI recommends
connection to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com