Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 53 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 53 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 49Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 50Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 51Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 52Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 53Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 54Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 55Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 56Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 212 page
background image
53
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Table 5-11 lists the characteristics of the high-frequency crystal oscillator, HFXT.
(1)
Maximum frequency of operation of the entire device cannot be exceeded.
(2)
When HFXTBYPASS is set, HFXT circuits are automatically powered down. Input signal is a digital square wave with parametrics
defined in the Schmitt-trigger Inputs section of this data sheet. Duty cycle requirements are defined by DCHFXT, SW.
Table 5-11. High-Frequency Crystal Oscillator, HFXT
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
IDVCC,HFXT
HFXT oscillator crystal current
HF mode at typical ESR
fOSC = 1 MHz,
HFXTBYPASS = 0, HFXTDRIVE = 0,
HFFREQ = 0, CL,eff = 16 pF,
Typical ESR and CSHUNT
3.0 V
40
μA
fOSC = 4 MHz,
HFXTBYPASS = 0, HFXTDRIVE = 1,
HFFREQ = 0, CL,eff = 16 pF,
Typical ESR and CSHUNT
60
fOSC = 8 MHz,
HFXTBYPASS = 0, HFXTDRIVE = 1,
HFFREQ = 1, CL,eff = 16 pF,
Typical ESR and CSHUNT
100
fOSC = 16 MHz,
HFXTBYPASS = 0, HFXTDRIVE = 1,
HFFREQ = 2, CL,eff = 16 pF,
Typical ESR and CSHUNT
180
fOSC = 24 MHz,
HFXTBYPASS = 0, HFXTDRIVE = 1,
HFFREQ = 3, CL,eff = 16 pF,
Typical ESR and CSHUNT
260
fOSC = 32 MHz,
HFXTBYPASS = 0, HFXTDRIVE = 1,
HFFREQ = 4, CL,eff = 16 pF,
Typical ESR and CSHUNT
320
fOSC = 40 MHz,
HFXTBYPASS = 0, HFXTDRIVE = 1,
HFFREQ = 5, CL,eff = 16 pF,
Typical ESR and CSHUNT
480
fOSC = 48 MHz,
HFXTBYPASS = 0, HFXTDRIVE = 1,
HFFREQ = 6, CL,eff = 16 pF,
Typical ESR and CSHUNT
550
fHFXT
HFXT oscillator crystal
frequency, crystal mode
HFXTBYPASS = 0, HFFREQ = 0 (1)
1
4
MHz
HFXTBYPASS = 0, HFFREQ = 1 (1)
4.01
8
HFXTBYPASS = 0, HFFREQ = 2 (1)
8.01
16
HFXTBYPASS = 0, HFFREQ = 3 (1)
16.01
24
HFXTBYPASS = 0, HFFREQ = 4 (1)
24.01
32
HFXTBYPASS = 0, HFFREQ = 5 (1)
32.01
40
HFXTBYPASS = 0, HFFREQ = 6 (1)
40.01
48
DCHFXT
HFXT oscillator duty cycle
Measured at MCLK or HSMCLK,
fHFXT = 1 MHz to 48 MHz
40%
50%
60%
fHFXT,SW
HFXT oscillator logic-level
square-wave input frequency,
bypass mode
HFXTBYPASS = 1 (1)(2)
0.8
48
MHz
DCHFXT, SW
HFXT oscillator logic-level
square-wave input duty cycle
HFXTBYPASS = 1,
External clock used as a direct source to
MCLK or HSMCLK with no divider
(DIVM = 0 or DIVHS = 0).
45%
55%
HFXTBYPASS = 1,
External clock used as a direct source to
MCLK or HSMCLK with divider (DIVM > 0
or DIVHS > 0) or not used as a direct
source to MCLK or HSMCLK.
40%
60%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com