Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 97 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 97 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 93Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 94Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 95Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 96Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 97Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 98Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 99Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 100Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 212 page
background image
97
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6
Detailed Description
6.1
Overview
The MSP432P4x1x microcontroller is an ideal combination of the TI MSP430 low-power DNA, advance
mixed-signal features, and the processing capabilities of the Arm 32-bit Cortex-M4 RISC engine. The
microcontrollers ship with bundled driver libraries and are compatible with standard components of the
Arm ecosystem.
6.2
Processor and Execution Features
The Arm Cortex-M4 processor provides a high-performance low-cost platform that meets system
requirements of minimal memory implementation, reduced pin count, and low power consumption, while
delivering outstanding computational performance and exceptional system response to interrupts. The
Thumb®-2 mixed 16- and 32-bit instruction set of the processor delivers the high performance that is
expected of a 32-bit Arm core in a compact memory size usually associated with 8- and 16-bit devices
(typically in the range of a few kilobytes of memory needed for microcontroller-class applications).
In MSP432P4x1x devices, the Cortex-M4 processor can run up to 48 MHz, delivering high performance
for the targeted class of applications, while at the same time maintaining ultra-low active power
consumption.
6.2.1
Floating-Point Unit (FPU)
The Cortex-M4 processor on MSP432P4x1x devices includes a tightly coupled FPU. The FPU is an
IEEE 754 compliant single-precision floating-point module supporting add, subtract, multiply, divide,
accumulate, and square-root operations. The FPU also provides conversion between fixed-point and
floating-point data formats and floating-point constant instructions.
6.2.2
Memory Protection Unit (MPU)
The Cortex-M4 processor on MSP432P4x1x devices includes a tightly coupled MPU that supports up to
eight protection regions. Applications can use the MPU to enforce memory privilege rules that isolate
processes from each other or enforce memory access rules. These features are typically required for
operating system handling purposes.
6.2.3
Nested Vectored Interrupt Controller (NVIC)
The NVIC supports up to 64 interrupts with eight levels of interrupt priority. The Cortex-M4 NVIC
architecture allows for low latency, efficient interrupt and event handling, and seamless integration to
device-level power-control strategies.
6.2.4
SysTick
The Cortex-M4 includes an integrated system timer, SysTick, which provides a simple, 24-bit, clear-on-
write, decrementing, wrap-on-zero counter with a flexible control mechanism. The counter can be used in
several different ways, and it is typically deployed either for use by the operating system or as a general-
purpose alarm mechanism.
6.2.5
Debug and Trace Features
The Cortex-M4 processor implements a complete hardware debug solution and provides high system
visibility of the processor and memory through either a traditional 4-pin JTAG port or a 2-pin Serial Wire
Debug (SWD) port, which is ideal for microcontrollers and other small-package devices. The SWJ-DP
interface combines the SWD and JTAG debug ports into one module, which allows a seamless switch
between the 2-pin and 4-pin modes of operation, depending on application needs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com