Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 101 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 101 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 97Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 98Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 99Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 100Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 101Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 102Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 103Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 104Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 212 page
background image
Peripheral
Region
0x4000_0000
0x4010_0000
Reserved
0x4400_0000
Peripheral
Bit-Band Alias
Region
Reserved
0x5FFF_FFFF
0x4200_0000
101
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Figure 6-4. Peripheral Zone Memory Map
6.3.3.1
Peripheral Region
The 1MB region from 0x4000_0000 to 0x400F_FFFF is dedicated to the system and application control
peripherals of the device. On MSP432P4x1x devices, a total of 128KB of this region is dedicated for
peripherals, while the rest is reserved. Table 6-1 lists the peripheral allocation within this 128-KB space.
NOTE
Peripherals that are marked as 16-bit can be accessed through byte or half-word size read or
write only. Any 32-bit access to these peripherals results in a bus error response.
Table 6-1. Peripheral Address Offsets
ADDRESS RANGE
PERIPHERAL
TABLE
REMARKS
0x4000_0000 to 0x4000_03FF
Timer_A0
Table 6-2
16-bit peripheral
0x4000_0400 to 0x4000_07FF
Timer_A1
Table 6-3
16-bit peripheral
0x4000_0800 to 0x4000_0BFF
Timer_A2
Table 6-4
16-bit peripheral
0x4000_0C00 to 0x4000_0FFF
Timer_A3
Table 6-5
16-bit peripheral
0x4000_1000 to 0x4000_13FF
eUSCI_A0
Table 6-6
16-bit peripheral
0x4000_1400 to 0x4000_17FF
eUSCI_A1
Table 6-7
16-bit peripheral
0x4000_1800 to 0x4000_1BFF
eUSCI_A2
Table 6-8
16-bit peripheral
0x4000_1C00 to 0x4000_1FFF
eUSCI_A3
Table 6-9
16-bit peripheral
0x4000_2000 to 0x4000_23FF
eUSCI_B0
Table 6-10
16-bit peripheral
0x4000_2400 to 0x4000_27FF
eUSCI_B1
Table 6-11
16-bit peripheral
0x4000_2800 to 0x4000_2BFF
eUSCI_B2
Table 6-12
16-bit peripheral
0x4000_2C00 to 0x4000_2FFF
eUSCI_B3
Table 6-13
16-bit peripheral
0x4000_3000 to 0x4000_33FF
REF_A
Table 6-14
16-bit peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com