Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 103 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 103 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 99Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 100Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 101Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 102Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 103Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 104Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 105Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 106Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 212 page
background image
103
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Table 6-3. Timer_A1 Registers (Base Address: 0x4000_0400)
REGISTER NAME
ACRONYM
OFFSET
Timer_A1 Control
TA1CTL
00h
Timer_A1 Capture/Compare Control 0
TA1CCTL0
02h
Timer_A1 Capture/Compare Control 1
TA1CCTL1
04h
Timer_A1 Capture/Compare Control 2
TA1CCTL2
06h
Timer_A1 Capture/Compare Control 3
TA1CCTL3
08h
Timer_A1 Capture/Compare Control 4
TA1CCTL4
0Ah
Timer_A1 Counter
TA1R
10h
Timer_A1 Capture/Compare 0
TA1CCR0
12h
Timer_A1 Capture/Compare 1
TA1CCR1
14h
Timer_A1 Capture/Compare 2
TA1CCR2
16h
Timer_A1 Capture/Compare 3
TA1CCR3
18h
Timer_A1 Capture/Compare 4
TA1CCR4
1Ah
Timer_A1 Interrupt Vector
TA1IV
2Eh
Timer_A1 Expansion 0
TA1EX0
20h
Table 6-4. Timer_A2 Registers (Base Address: 0x4000_0800)
REGISTER NAME
ACRONYM
OFFSET
Timer_A2 Control
TA2CTL
00h
Timer_A2 Capture/Compare Control 0
TA2CCTL0
02h
Timer_A2 Capture/Compare Control 1
TA2CCTL1
04h
Timer_A2 Capture/Compare Control 2
TA2CCTL2
06h
Timer_A2 Capture/Compare Control 3
TA2CCTL3
08h
Timer_A2 Capture/Compare Control 4
TA2CCTL4
0Ah
Timer_A2 Counter
TA2R
10h
Timer_A2 Capture/Compare 0
TA2CCR0
12h
Timer_A2 Capture/Compare 1
TA2CCR1
14h
Timer_A2 Capture/Compare 2
TA2CCR2
16h
Timer_A2 Capture/Compare 3
TA2CCR3
18h
Timer_A2 Capture/Compare 4
TA2CCR4
1Ah
Timer_A2 Interrupt Vector
TA2IV
2Eh
Timer_A2 Expansion 0
TA2EX0
20h
Table 6-5. Timer_A3 Registers (Base Address: 0x4000_0C00)
REGISTER NAME
ACRONYM
OFFSET
Timer_A3 Control
TA3CTL
00h
Timer_A3 Capture/Compare Control 0
TA3CCTL0
02h
Timer_A3 Capture/Compare Control 1
TA3CCTL1
04h
Timer_A3 Capture/Compare Control 2
TA3CCTL2
06h
Timer_A3 Capture/Compare Control 3
TA3CCTL3
08h
Timer_A3 Capture/Compare Control 4
TA3CCTL4
0Ah
Timer_A3 Counter
TA3R
10h
Timer_A3 Capture/Compare 0
TA3CCR0
12h
Timer_A3 Capture/Compare 1
TA3CCR1
14h
Timer_A3 Capture/Compare 2
TA3CCR2
16h
Timer_A3 Capture/Compare 3
TA3CCR3
18h
Timer_A3 Capture/Compare 4
TA3CCR4
1Ah
Timer_A3 Interrupt Vector
TA3IV
2Eh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com