Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 105 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 105 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 101Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 102Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 103Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 104Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 105Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 106Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 107Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 108Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 212 page
background image
105
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Table 6-9. eUSCI_A3 Registers (Base Address: 0x4000_1C00)
REGISTER NAME
ACRONYM
OFFSET
eUSCI_A3 Control Word 0
UCA3CTLW0
00h
eUSCI_A3 Control Word 1
UCA3CTLW1
02h
eUSCI_A3 Baud Rate Control
UCA3BRW
06h
eUSCI_A3 Modulation Control
UCA3MCTLW
08h
eUSCI_A3 Status
UCA3STATW
0Ah
eUSCI_A3 Receive Buffer
UCA3RXBUF
0Ch
eUSCI_A3 Transmit Buffer
UCA3TXBUF
0Eh
eUSCI_A3 Auto Baud Rate Control
UCA3ABCTL
10h
eUSCI_A3 IrDA Control
UCA3IRCTL
12h
eUSCI_A3 Interrupt Enable
UCA3IE
1Ah
eUSCI_A3 Interrupt Flag
UCA3IFG
1Ch
eUSCI_A3 Interrupt Vector
UCA3IV
1Eh
Table 6-10. eUSCI_B0 Registers (Base Address: 0x4000_2000)
REGISTER NAME
ACRONYM
OFFSET
eUSCI_B0 Control Word 0
UCB0CTLW0
00h
eUSCI_B0 Control Word 1
UCB0CTLW1
02h
eUSCI_B0 Bit Rate Control Word
UCB0BRW
06h
eUSCI_B0 Status Word
UCB0STATW
08h
eUSCI_B0 Byte Counter Threshold
UCB0TBCNT
0Ah
eUSCI_B0 Receive Buffer
UCB0RXBUF
0Ch
eUSCI_B0 Transmit Buffer
UCB0TXBUF
0Eh
eUSCI_B0 I2C Own Address 0
UCB0I2COA0
14h
eUSCI_B0 I2C Own Address 1
UCB0I2COA1
16h
eUSCI_B0 I2C Own Address 2
UCB0I2COA2
18h
eUSCI_B0 I2C Own Address 3
UCB0I2COA3
1Ah
eUSCI_B0 Received Address
UCB0ADDRX
1Ch
eUSCI_B0 Address Mask
UCB0ADDMASK
1Eh
eUSCI_B0 I2C Slave Address
UCB0I2CSA
20h
eUSCI_B0 Interrupt Enable
UCB0IE
2Ah
eUSCI_B0 Interrupt Flag
UCB0IFG
2Ch
eUSCI_B0 Interrupt Vector
UCB0IV
2Eh
Table 6-11. eUSCI_B1 Registers (Base Address: 0x4000_2400)
REGISTER NAME
ACRONYM
OFFSET
eUSCI_B1 Control Word 0
UCB1CTLW0
00h
eUSCI_B1 Control Word 1
UCB1CTLW1
02h
eUSCI_B1 Bit Rate Control Word
UCB1BRW
06h
eUSCI_B1 Status Word
UCB1STATW
08h
eUSCI_B1 Byte Counter Threshold
UCB1TBCNT
0Ah
eUSCI_B1 Receive Buffer
UCB1RXBUF
0Ch
eUSCI_B1 Transmit Buffer
UCB1TXBUF
0Eh
eUSCI_B1 I2C Own Address 0
UCB1I2COA0
14h
eUSCI_B1 I2C Own Address 1
UCB1I2COA1
16h
eUSCI_B1 I2C Own Address 2
UCB1I2COA2
18h
eUSCI_B1 I2C Own Address 3
UCB1I2COA3
1Ah
eUSCI_B1 Received Address
UCB1ADDRX
1Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com