Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 109 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 109 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 105Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 106Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 107Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 108Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 109Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 110Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 111Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 112Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 212 page
background image
109
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Table 6-21. Port Registers (Base Address: 0x4000_4C00) (continued)
REGISTER NAME
ACRONYM
OFFSET
Port 4 Input
P4IN
021h
Port 3 Output
P3OUT
022h
Port 4 Output
P4OUT
023h
Port 3 Direction
P3DIR
024h
Port 4 Direction
P4DIR
025h
Port 3 Resistor Enable
P3REN
026h
Port 4 Resistor Enable
P4REN
027h
Port 3 Select 0
P3SEL0
02Ah
Port 4 Select 0
P4SEL0
02Bh
Port 3 Select 1
P3SEL1
02Ch
Port 4 Select 1
P4SEL1
02Dh
Port 3 Interrupt Vector
P3IV
02Eh
Port 3 Complement Selection
P3SELC
036h
Port 4 Complement Selection
P4SELC
037h
Port 3 Interrupt Edge Select
P3IES
038h
Port 4 Interrupt Edge Select
P4IES
039h
Port 3 Interrupt Enable
P3IE
03Ah
Port 4 Interrupt Enable
P4IE
03Bh
Port 3 Interrupt Flag
P3IFG
03Ch
Port 4 Interrupt Flag
P4IFG
03Dh
Port 4 Interrupt Vector
P4IV
03Eh
Port 5 Input
P5IN
040h
Port 6 Input
P6IN
041h
Port 5 Output
P5OUT
042h
Port 6 Output
P6OUT
043h
Port 5 Direction
P5DIR
044h
Port 6 Direction
P6DIR
045h
Port 5 Resistor Enable
P5REN
046h
Port 6 Resistor Enable
P6REN
047h
Port 5 Select 0
P5SEL0
04Ah
Port 6 Select 0
P6SEL0
04Bh
Port 5 Select 1
P5SEL1
04Ch
Port 6 Select 1
P6SEL1
04Dh
Port 5 Interrupt Vector
P5IV
04Eh
Port 5 Complement Selection
P5SELC
056h
Port 6 Complement Selection
P6SELC
057h
Port 5 Interrupt Edge Select
P5IES
058h
Port 6 Interrupt Edge Select
P6IES
059h
Port 5 Interrupt Enable
P5IE
05Ah
Port 6 Interrupt Enable
P6IE
05Bh
Port 5 Interrupt Flag
P5IFG
05Ch
Port 6 Interrupt Flag
P6IFG
05Dh
Port 6 Interrupt Vector
P6IV
05Eh
Port 7 Input
P7IN
060h
Port 8 Input
P8IN
061h
Port 7 Output
P7OUT
062h
Port 8 Output
P8OUT
063h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com