Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 113 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 113 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 109Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 110Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 111Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 112Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 113Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 114Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 115Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 116Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 212 page
background image
113
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Table 6-28. CS Registers (Base Address: 0x4001_0400) (continued)
REGISTER NAME
ACRONYM
OFFSET
Clear Interrupt Flag
CSCLRIFG
50h
Set Interrupt Flag
CSSETIFG
58h
DCO External Resistor Calibration 0
CSDCOERCAL0
60h
DCO External Resistor Calibration 1
CSDCOERCAL1
64h
Table 6-29. PSS Registers (Base Address: 0x4001_0800)
REGISTER NAME
ACRONYM
OFFSET
Key
PSSKEY
00h
Control 0
PSSCTL0
04h
Interrupt Enable
PSSIE
34h
Interrupt Flag
PSSIFG
38h
Clear Interrupt Flag
PSSCLRIFG
3Ch
Table 6-30. FLCTL_A Registers (Base Address: 0x4001_1000)
REGISTER NAME
ACRONYM
OFFSET
Power Status
FLCTL_POWER_STAT
000h
Bank 0 Read Control
FLCTL_BANK0_RDCTL
010h
Bank 1 Read Control
FLCTL_BANK1_RDCTL
014h
Read Burst/Compare Control and Status
FLCTL_RDBRST_CTLSTAT
020h
Read Burst/Compare Start Address
FLCTL_RDBRST_STARTADDR
024h
Read Burst/Compare Length
FLCTL_RDBRST_LEN
028h
Read Burst/Compare Fail Address
FLCTL_RDBRST_FAILADDR
03Ch
Read Burst/Compare Fail Count
FLCTL_RDBRST_FAILCNT
040h
Program Control and Status
FLCTL_PRG_CTLSTAT
050h
Program Burst Control and Status
FLCTL_PRGBRST_CTLSTAT
054h
Program Burst Start Address
FLCTL_PRGBRST_STARTADDR
058h
Program Burst Data0 0
FLCTL_PRGBRST_DATA0_0
060h
Program Burst Data0 1
FLCTL_PRGBRST_DATA0_1
064h
Program Burst Data0 2
FLCTL_PRGBRST_DATA0_2
068h
Program Burst Data0 3
FLCTL_PRGBRST_DATA0_3
06Ch
Program Burst Data1 0
FLCTL_PRGBRST_DATA1_0
070h
Program Burst Data1 1
FLCTL_PRGBRST_DATA1_1
074h
Program Burst Data1 2
FLCTL_PRGBRST_DATA1_2
078h
Program Burst Data1 3
FLCTL_PRGBRST_DATA1_3
07Ch
Program Burst Data2 0
FLCTL_PRGBRST_DATA2_0
080h
Program Burst Data2 1
FLCTL_PRGBRST_DATA2_1
084h
Program Burst Data2 2
FLCTL_PRGBRST_DATA2_2
088h
Program Burst Data2 3
FLCTL_PRGBRST_DATA2_3
08Ch
Program Burst Data3 0
FLCTL_PRGBRST_DATA3_0
090h
Program Burst Data3 1
FLCTL_PRGBRST_DATA3_1
094h
Program Burst Data3 2
FLCTL_PRGBRST_DATA3_2
098h
Program Burst Data3 3
FLCTL_PRGBRST_DATA3_3
09Ch
Erase Control and Status
FLCTL_ERASE_CTLSTAT
0A0h
Erase Sector Address
FLCTL_ERASE_SECTADDR
0A4h
Information Memory Bank 0 Write/Erase Protection
FLCTL_BANK0_INFO_WEPROT
0B0h
Information Memory Bank 1 Write/Erase Protection
FLCTL_BANK1_INFO_WEPROT
0C0h
Benchmark Control and Status
FLCTL_BMRK_CTLSTAT
0D0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com