Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 114 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 114 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 110Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 111Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 112Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 113Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 114Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 115Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 116Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 117Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 212 page
background image
114
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Table 6-30. FLCTL_A Registers (Base Address: 0x4001_1000) (continued)
REGISTER NAME
ACRONYM
OFFSET
Benchmark Instruction Fetch Count
FLCTL_BMRK_IFETCH
0D4h
Benchmark Data Read Count
FLCTL_BMRK_DREAD
0D8h
Benchmark Count Compare
FLCTL_BMRK_CMP
0DCh
Interrupt Flag
FLCTL_IFG
0F0h
Interrupt Enable
FLCTL_IE
0F4h
Clear Interrupt Flag
FLCTL_CLRIFG
0F8h
Set Interrupt Flag
FLCTL_SETIFG
0FCh
Read Timing Control
FLCTL_READ_TIMCTL
100h
Read Margin Timing Control
FLCTL_READMARGIN_TIMCTL
104h
Program Verify Timing Control
FLCTL_PRGVER_TIMCTL
108h
Erase Verify Timing Control
FLCTL_ERSVER_TIMCTL
10Ch
Program Timing Control
FLCTL_PROGRAM_TIMCTL
114h
Erase Timing Control
FLCTL_ERASE_TIMCTL
118h
Mass Erase Timing Control
FLCTL_MASSERASE_TIMCTL
11Ch
Burst Program Timing Control
FLCTL_BURSTPRG_TIMCTL
120h
Main Memory Bank 0 Write/Erase Protection 0
FLCTL_BANK0_MAIN_WEPROT0
200h
Main Memory Bank 0 Write/Erase Protection 1
FLCTL_BANK0_MAIN_WEPROT1
204h
Main Memory Bank 0 Write/Erase Protection 2
FLCTL_BANK0_MAIN_WEPROT2
208h
Main Memory Bank 0 Write/Erase Protection 3
FLCTL_BANK0_MAIN_WEPROT3
20Ch
Main Memory Bank 0 Write/Erase Protection 4
FLCTL_BANK0_MAIN_WEPROT4
210h
Main Memory Bank 0 Write/Erase Protection 5
FLCTL_BANK0_MAIN_WEPROT5
214h
Main Memory Bank 0 Write/Erase Protection 6
FLCTL_BANK0_MAIN_WEPROT6
218h
Main Memory Bank 0 Write/Erase Protection 7
FLCTL_BANK0_MAIN_WEPROT7
21Ch
Main Memory Bank 1 Write/Erase Protection 0
FLCTL_BANK1_MAIN_WEPROT0
240h
Main Memory Bank 1 Write/Erase Protection 1
FLCTL_BANK1_MAIN_WEPROT1
244h
Main Memory Bank 1 Write/Erase Protection 2
FLCTL_BANK1_MAIN_WEPROT2
248h
Main Memory Bank 1 Write/Erase Protection 3
FLCTL_BANK1_MAIN_WEPROT3
24Ch
Main Memory Bank 1 Write/Erase Protection 4
FLCTL_BANK1_MAIN_WEPROT4
250h
Main Memory Bank 1 Write/Erase Protection 5
FLCTL_BANK1_MAIN_WEPROT5
254h
Main Memory Bank 1 Write/Erase Protection 6
FLCTL_BANK1_MAIN_WEPROT6
258h
Main Memory Bank 1 Write/Erase Protection 7
FLCTL_BANK1_MAIN_WEPROT7
25Ch
Table 6-31. Precision ADC Registers (Base Address: 0x4001_2000)
REGISTER NAME
ACRONYM
OFFSET
Control 0
ADC14CTL0
00h
Control 1
ADC14CTL1
04h
Window Comparator Low Threshold 0
ADC14LO0
08h
Window Comparator High Threshold 0
ADC14HI0
0Ch
Window Comparator Low Threshold 1
ADC14LO1
10h
Window Comparator High Threshold 1
ADC14HI1
14h
Memory Control 0
ADC14MCTL0
18h
Memory Control 1
ADC14MCTL1
1Ch
Memory Control 2
ADC14MCTL2
20h
Memory Control 3
ADC14MCTL3
24h
Memory Control 4
ADC14MCTL4
28h
Memory Control 5
ADC14MCTL5
2Ch
Memory Control 6
ADC14MCTL6
30h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com