Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 22 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 22 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 18Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 19Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 20Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 21Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 22Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 23Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 24Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 25Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 212 page
background image
22
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Terminal Configuration and Functions
Copyright © 2017–2018, Texas Instruments Incorporated
Table 4-3. Signal Descriptions (continued)
FUNCTION
SIGNAL NAME
SIGNAL NO. (1)
SIGNAL
TYPE (2)
DESCRIPTION
PZ
RGC
LCD (3)
(continued)
L20
23
N/A
O
LCD drive pin 20 for either segment or common output
L21
22
N/A
O
LCD drive pin 21 for either segment or common output
L22
21
N/A
O
LCD drive pin 22 for either segment or common output
L23
20
N/A
O
LCD drive pin 23 for either segment or common output
L24
79
N/A
O
LCD drive pin 24 for either segment or common output
L25
78
N/A
O
LCD drive pin 25 for either segment or common output
L26
77
N/A
O
LCD drive pin 26 for either segment or common output
L27
76
N/A
O
LCD drive pin 27 for either segment or common output
L28
29
N/A
O
LCD drive pin 28 for either segment or common output
L29
28
N/A
O
LCD drive pin 29 for either segment or common output
L30
27
N/A
O
LCD drive pin 30 for either segment or common output
L31
26
N/A
O
LCD drive pin 31 for either segment or common output
L32
75
N/A
O
LCD drive pin 32 for either segment or common output
L33
74
N/A
O
LCD drive pin 33 for either segment or common output
L34
25
N/A
O
LCD drive pin 34 for either segment or common output
L35
24
N/A
O
LCD drive pin 35 for either segment or common output
L36
3
N/A
O
LCD drive pin 36 for either segment or common output
L37
2
N/A
O
LCD drive pin 37 for either segment or common output
L38
1
N/A
O
LCD drive pin 38 for either segment or common output
L39
100
N/A
O
LCD drive pin 39 for either segment or common output
L40
99
N/A
O
LCD drive pin 40 for either segment or common output
L41
98
N/A
O
LCD drive pin 41 for either segment or common output
L42
97
N/A
O
LCD drive pin 42 for either segment or common output
L43
96
N/A
O
LCD drive pin 43 for either segment or common output
L44
49
N/A
O
LCD drive pin 44 for either segment or common output
L45
48
N/A
O
LCD drive pin 45 for either segment or common output
L46
47
N/A
O
LCD drive pin 46 for either segment or common output
L47
46
N/A
O
LCD drive pin 47 for either segment or common output
R03
88
N/A
I
Input port of fourth most positive analog LCD voltage V4 in
external bias mode
R13
89
N/A
I
Input port of fourth most positive analog LCD voltage V3 in
external bias mode
R23
90
N/A
I
Input port of fourth most positive analog LCD voltage V2 in
external bias mode
Debug
SWCLKTCK
95
64
I
Serial wire clock input (SWCLK)/JTAG clock input (TCK)
SWDIOTMS
94
63
I/O
Serial wire data input/output (SWDIO)/JTAG test mode
select (TMS)
SWO
93
62
O
Serial wire trace output
TDI
92
61
I
JTAG test data input
TDO
93
62
O
JTAG test data output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com