Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 111 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 111 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 107Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 108Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 109Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 110Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 111Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 112Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 113Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 114Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 212 page
background image
111
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Table 6-22. PMAP Registers (Base Address: 0x4000_5000) (continued)
REGISTER NAME
ACRONYM
OFFSET
Port Mapping P3.3
P3MAP3
1Bh
Port Mapping P3.4
P3MAP4
1Ch
Port Mapping P3.5
P3MAP5
1Dh
Port Mapping P3.6
P3MAP6
1Eh
Port Mapping P3.7
P3MAP7
1Fh
Port Mapping P7.0
P7MAP0
38h
Port Mapping P7.1
P7MAP1
39h
Port Mapping P7.2
P7MAP2
3Ah
Port Mapping P7.3
P7MAP3
3Bh
Port Mapping P7.4
P7MAP4
3Ch
Port Mapping P7.5
P7MAP5
3Dh
Port Mapping P7.6
P7MAP6
3Eh
Port Mapping P7.7
P7MAP7
3Fh
Table 6-23. Capacitive Touch I/O 0 Registers (Base Address: 0x4000_5400)
REGISTER NAME
ACRONYM
OFFSET
Capacitive Touch I/O 0 Control
CAPTIO0CTL
0Eh
Table 6-24. Capacitive Touch I/O 1 Registers (Base Address: 0x4000_5800)
REGISTER NAME
ACRONYM
OFFSET
Capacitive Touch I/O 1 Control
CAPTIO1CTL
0Eh
Table 6-25. Timer32 Registers (Base Address: 0x4000_C000)
REGISTER NAME
ACRONYM
OFFSET
Timer 1 Load
T32LOAD1
00h
Timer 1 Current Value
T32VALUE1
04h
Timer 1 Timer Control
T32CONTROL1
08h
Timer 1 Interrupt Clear
T32INTCLR1
0Ch
Timer 1 Raw Interrupt Status
T32RIS1
10h
Timer 1 Interrupt Status
T32MIS1
14h
Timer 1 Background Load
T32BGLOAD1
18h
Timer 2 Load
T32LOAD2
20h
Timer 2 Current Value
T32VALUE2
24h
Timer 2 Timer Control
T32CONTROL2
28h
Timer 2 Interrupt Clear
T32INTCLR2
2Ch
Timer 2 Raw Interrupt Status
T32RIS2
30h
Timer 2 Interrupt Status
T32MIS2
34h
Timer 2 Background Load
T32BGLOAD2
38h
Table 6-26. DMA Registers (Base Address: 0x4000_E000)
REGISTER NAME
ACRONYM
OFFSET
Device Configuration Status
DMA_DEVICE_CFG
000h
Software Channel Trigger
DMA_SW_CHTRIG
004h
Channel 0 Source Configuration
DMA_CH0_SRCCFG
010h
Channel 1 Source Configuration
DMA_CH1_SRCCFG
014h
Channel 2 Source Configuration
DMA_CH2_SRCCFG
018h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com