Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 108 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 108 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 104Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 105Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 106Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 107Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 108Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 109Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 110Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 111Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 212 page
background image
108
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Table 6-19. RTC_C Registers (Base Address: 0x4000_4400)
REGISTER NAME
ACRONYM
OFFSET
Real-Time Clock Control 0
RTCCTL0
00h
Real-Time Clock Control 1, 3
RTCCTL13
02h
Real-Time Clock Offset Calibration
RTCOCAL
04h
Real-Time Clock Temperature Compensation
RTCTCMP
06h
Real-Time Prescale Timer 0 Control
RTCPS0CTL
08h
Real-Time Prescale Timer 1 Control
RTCPS1CTL
0Ah
Real-Time Prescale Timer 0, 1 Counter
RTCPS
0Ch
Real Time Clock Interrupt Vector
RTCIV
0Eh
Real-Time Clock Seconds, Minutes
RTCTIM0
10h
Real-Time Clock Hour, Day of Week
RTCTIM1
12h
Real-Time Clock Date
RTCDATE
14h
Real-Time Clock Year
RTCYEAR
16h
Real-Time Clock Minutes, Hour Alarm
RTCAMINHR
18h
Real-Time Clock Day of Week, Day of Month Alarm
RTCADOWDAY
1Ah
Binary-to-BCD Conversion
RTCBIN2BCD
1Ch
BCD-to-Binary Conversion
RTCBCD2BIN
1Eh
Table 6-20. WDT_A Registers (Base Address: 0x4000_4800)
REGISTER NAME
ACRONYM
OFFSET
Watchdog Timer Control
WDTCTL
0Ch
Table 6-21. Port Registers (Base Address: 0x4000_4C00)
REGISTER NAME
ACRONYM
OFFSET
Port 1 Input
P1IN
000h
Port 2 Input
P2IN
001h
Port 1 Output
P1OUT
002h
Port 2 Output
P2OUT
003h
Port 1 Direction
P1DIR
004h
Port 2 Direction
P2DIR
005h
Port 1 Resistor Enable
P1REN
006h
Port 2 Resistor Enable
P2REN
007h
Port 2 Drive Strength
P2DS
009h
Port 1 Select 0
P1SEL0
00Ah
Port 2 Select 0
P2SEL0
00Bh
Port 1 Select 1
P1SEL1
00Ch
Port 2 Select 1
P2SEL1
00Dh
Port 1 Interrupt Vector
P1IV
00Eh
Port 1 Complement Selection
P1SELC
016h
Port 2 Complement Selection
P2SELC
017h
Port 1 Interrupt Edge Select
P1IES
018h
Port 2 Interrupt Edge Select
P2IES
019h
Port 1 Interrupt Enable
P1IE
01Ah
Port 2 Interrupt Enable
P2IE
01Bh
Port 1 Interrupt Flag
P1IFG
01Ch
Port 2 Interrupt Flag
P2IFG
01Dh
Port 2 Interrupt Vector
P2IV
01Eh
Port 3 Input
P3IN
020h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com