Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 104 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 104 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 100Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 101Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 102Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 103Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 104Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 105Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 106Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 107Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 212 page
background image
104
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Table 6-5. Timer_A3 Registers (Base Address: 0x4000_0C00) (continued)
REGISTER NAME
ACRONYM
OFFSET
Timer_A3 Expansion 0
TA3EX0
20h
Table 6-6. eUSCI_A0 Registers (Base Address: 0x4000_1000)
REGISTER NAME
ACRONYM
OFFSET
eUSCI_A0 Control Word 0
UCA0CTLW0
00h
eUSCI_A0 Control Word 1
UCA0CTLW1
02h
eUSCI_A0 Baud Rate Control
UCA0BRW
06h
eUSCI_A0 Modulation Control
UCA0MCTLW
08h
eUSCI_A0 Status
UCA0STATW
0Ah
eUSCI_A0 Receive Buffer
UCA0RXBUF
0Ch
eUSCI_A0 Transmit Buffer
UCA0TXBUF
0Eh
eUSCI_A0 Auto Baud Rate Control
UCA0ABCTL
10h
eUSCI_A0 IrDA Control
UCA0IRCTL
12h
eUSCI_A0 Interrupt Enable
UCA0IE
1Ah
eUSCI_A0 Interrupt Flag
UCA0IFG
1Ch
eUSCI_A0 Interrupt Vector
UCA0IV
1Eh
Table 6-7. eUSCI_A1 Registers (Base Address: 0x4000_1400)
REGISTER NAME
ACRONYM
OFFSET
eUSCI_A1 Control Word 0
UCA1CTLW0
00h
eUSCI_A1 Control Word 1
UCA1CTLW1
02h
eUSCI_A1 Baud Rate Control
UCA1BRW
06h
eUSCI_A1 Modulation Control
UCA1MCTLW
08h
eUSCI_A1 Status
UCA1STATW
0Ah
eUSCI_A1 Receive Buffer
UCA1RXBUF
0Ch
eUSCI_A1 Transmit Buffer
UCA1TXBUF
0Eh
eUSCI_A1 Auto Baud Rate Control
UCA1ABCTL
10h
eUSCI_A1 IrDA Control
UCA1IRCTL
12h
eUSCI_A1 Interrupt Enable
UCA1IE
1Ah
eUSCI_A1 Interrupt Flag
UCA1IFG
1Ch
eUSCI_A1 Interrupt Vector
UCA1IV
1Eh
Table 6-8. eUSCI_A2 Registers (Base Address: 0x4000_1800)
REGISTER NAME
ACRONYM
OFFSET
eUSCI_A2 Control Word 0
UCA2CTLW0
00h
eUSCI_A2 Control Word 1
UCA2CTLW1
02h
eUSCI_A2 Baud Rate Control
UCA2BRW
06h
eUSCI_A2 Modulation Control
UCA2MCTLW
08h
eUSCI_A2 Status
UCA2STATW
0Ah
eUSCI_A2 Receive Buffer
UCA2RXBUF
0Ch
eUSCI_A2 Transmit Buffer
UCA2TXBUF
0Eh
eUSCI_A2 Auto Baud Rate Control
UCA2ABCTL
10h
eUSCI_A2 IrDA Control
UCA2IRCTL
12h
eUSCI_A2 Interrupt Enable
UCA2IE
1Ah
eUSCI_A2 Interrupt Flag
UCA2IFG
1Ch
eUSCI_A2 Interrupt Vector
UCA2IV
1Eh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com