Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 102 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 102 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 98Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 99Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 100Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 101Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 102Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 103Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 104Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 105Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 212 page
background image
102
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Table 6-1. Peripheral Address Offsets (continued)
ADDRESS RANGE
PERIPHERAL
TABLE
REMARKS
0x4000_3400 to 0x4000_37FF
COMP_E0
Table 6-15
16-bit peripheral
0x4000_3800 to 0x4000_3BFF
COMP_E1
Table 6-16
16-bit peripheral
0x4000_3C00 to 0x4000_3FFF
AES256
Table 6-17
16-bit peripheral
0x4000_4000 to 0x4000_43FF
CRC32
Table 6-18
16-bit peripheral
0x4000_4400 to 0x4000_47FF
RTC_C
Table 6-19
16-bit peripheral
0x4000_4800 to 0x4000_4BFF
WDT_A
Table 6-20
16-bit peripheral
0x4000_4C00 to 0x4000_4FFF
Port Module
Table 6-21
16-bit peripheral
0x4000_5000 to 0x4000_53FF
Port Mapping Controller
Table 6-22
16-bit peripheral
0x4000_5400 to 0x4000_57FF
Capacitive Touch I/O 0
Table 6-23
16-bit peripheral
0x4000_5800 to 0x4000_5BFF
Capacitive Touch I/O 1
Table 6-24
16-bit peripheral
0x4000_5C00 to 0x4000_8FFF
Reserved
Read only, always reads 0h
0x4000_9000 to 0x4000_BFFF
Reserved
Read only, always reads 0h
0x4000_C000 to 0x4000_CFFF
Timer32
Table 6-25
0x4000_D000 to 0x4000_D7FF
Reserved
Read only, always reads 0h
0x4000_D800 to 0x4000_DFFF
Utility SRAM
0x4000_E000 to 0x4000_FFFF
DMA
Table 6-26
0x4001_0000 to 0x4001_03FF
PCM
Table 6-27
0x4001_0400 to 0x4001_07FF
CS
Table 6-28
0x4001_0800 to 0x4001_0FFF
PSS
Table 6-29
0x4001_1000 to 0x4001_17FF
FLCTL_A
Table 6-30
0x4001_1800 to 0x4001_1BFF
Reserved
Read only, always reads 0h
0x4001_1C00 to 0x4001_1FFF
Reserved
Read only, always reads 0h
0x4001_2000 to 0x4001_23FF
Precision ADC
Table 6-31
0x4001_2400 to 0x4001_27FF
LCD_F
Table 6-32
0x4001_2800 to 0x4001_2BFF
Reserved
Read only, always reads 0h
0x4001_2C00 to 0x4001_FFFF
Reserved
Read only, always reads 0h
Table 6-2. Timer_A0 Registers (Base Address: 0x4000_0000)
REGISTER NAME
ACRONYM
OFFSET
Timer_A0 Control
TA0CTL
00h
Timer_A0 Capture/Compare Control 0
TA0CCTL0
02h
Timer_A0 Capture/Compare Control 1
TA0CCTL1
04h
Timer_A0 Capture/Compare Control 2
TA0CCTL2
06h
Timer_A0 Capture/Compare Control 3
TA0CCTL3
08h
Timer_A0 Capture/Compare Control 4
TA0CCTL4
0Ah
Timer_A0 Counter
TA0R
10h
Timer_A0 Capture/Compare 0
TA0CCR0
12h
Timer_A0 Capture/Compare 1
TA0CCR1
14h
Timer_A0 Capture/Compare 2
TA0CCR2
16h
Timer_A0 Capture/Compare 3
TA0CCR3
18h
Timer_A0 Capture/Compare 4
TA0CCR4
1Ah
Timer_A0 Interrupt Vector
TA0IV
2Eh
Timer_A0 Expansion 0
TA0EX0
20h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com