Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28331 Datasheet(PDF) 26 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 26 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 22Page - Synaptics Incorporated. CX28331 Datasheet HTML 23Page - Synaptics Incorporated. CX28331 Datasheet HTML 24Page - Synaptics Incorporated. CX28331 Datasheet HTML 25Page - Synaptics Incorporated. CX28331 Datasheet HTML 26Page - Synaptics Incorporated. CX28331 Datasheet HTML 27Page - Synaptics Incorporated. CX28331 Datasheet HTML 28Page - Synaptics Incorporated. CX28331 Datasheet HTML 29Page - Synaptics Incorporated. CX28331 Datasheet HTML 30Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
1.0 Pin Description
CX28331/CX28332/CX28333
1.1 Pin Assignments
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
1-16
Conexant
100985A
61
——
TPOS/
TNRZ
Ch1 transmit
Positive rail or
NRZ data
I
Synchronized transmit data intended to be
strobed in by the corresponding TCLK.
When ENDECDIS = 1, these inputs are
expected to be positive and negative AMI
data (TPOS and TNEG).
When ENDECDIS = 0, these inputs are
expected to be uncoded NRZ data (TNRZ)
and no connects (NC).
See notes on the ENDECDIS pin in the
Control Signal section.
—
78
78
TPOS1/
TNRZ1
60
——
TNEG/
NC
Ch1 transmit
Negative rail or
no connect data
I
—
79
79
TNEG1/
NC1
—
47
61
TPOS2/
TNRZ2
Ch2 transmit
Positive or NRZ
data
I
—
46
60
TNEG2/
NC2
Ch2 transmit
Negative data or
no connect data
I
——
47
TPOS3/
TNRZ3
Ch3 transmit
Positive or NRZ
data
I
——
46
TNEG3/NC3
Ch3 transmit
Negative data or
no connect data
I
62
——
TCLK
Transmit clock
Ch1
I
Transmit bit clock input for strobing with
transmit data into the CX2833i.
—
77
77
TCLK1
—
48
62
TCLK2
Transmit clock
Ch2
I
——
48
TCLK3
Transmit clock
Ch3
I
67
——
RLOS
Loss of signal
Ch1
O
Loss Of Signal (LOS) indication for each
channel, as determined by insufficient pulse
density. Signal loss detected when RLOS =
1. An LOS will be asserted when 175 ±75 0s
occur in a row and deasserted when the
pulse density is between 28% and 33%
(DS3/STS-1) (i.e., a 1s density).
—
82
82
RLOS1
—
43
67
RLOS2
Loss of signal
Ch2
O
——
43
RLOS3
Loss of signal
Ch3
O
Table 1-2. CX2833i-3x Pin Definitions (3 of 8)
Pin #
Signal Name
Description
I/O/P
Notes
CX28331-3x CX28332-3x CX28333-3x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com