Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28331 Datasheet(PDF) 43 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 43 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 39Page - Synaptics Incorporated. CX28331 Datasheet HTML 40Page - Synaptics Incorporated. CX28331 Datasheet HTML 41Page - Synaptics Incorporated. CX28331 Datasheet HTML 42Page - Synaptics Incorporated. CX28331 Datasheet HTML 43Page - Synaptics Incorporated. CX28331 Datasheet HTML 44Page - Synaptics Incorporated. CX28331 Datasheet HTML 45Page - Synaptics Incorporated. CX28331 Datasheet HTML 46Page - Synaptics Incorporated. CX28331 Datasheet HTML 47Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
CX28331/CX28332/CX28333
2.0 Functional Description
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
2.3 Receiver
100985A
Conexant
2-11
2.3.4 The PLL Clock Recovery Circuit
The clock recovery circuit (RX PLL) extracts the embedded clock from the sliced
data and provides this clock and the retimed data to the decoder (data mode).
Upon startup (after the internal reset is deasserted), the RX PLL uses a reference
clock (REFCLK, running at the symbol rate) and a phase-frequency detector to
lock to the correct data rate (reference mode). During reference mode, the data
outputs are squelched (set to 0). The RX PLL is kept in reference mode until a
valid input is detected.
2.3.5 Loss Of Signal (LOS) Detector
The Receive Loss Of Signal (RLOS) is a digital function which monitors the
retimed data from the clock recovery block. The AMI data is checked for a
continuous run of zeroes. When a continuous run of 128 ± 1 consecutive zeroes
occurs, the RLOS signal is asserted. After the RLOS signal is asserted, a 1s count
is made on every block of 128 AMI symbols. The RLOS signal is deasserted
when the 1s count within a block of 128 symbols is at least:
B3ZS: Minimum 1s density = 39 ± 1 count out of 128 (~30.5%)
HDB3: Minimum 1s density = 29 ± 1 count out of 128 (~22.7%)
The RLOS detector will always monitor the cable-side RX inputs. The
detector is not affected by the state of remote or local looping.
2.3.6 B3ZS/HDB3 Decoder With Bipolar Violation Detector
In the CX2833i device, when ENDECDIS = 0 (encoder/decoder enabled), the
decoder takes the output from the clock recovery circuit and decodes the data
(HDB3 or B3ZS) into a single retimed NRZ data signal. The data signal is then
sent out of the CX2833i over the RNRZ (RPOS) pin. Any detected Line Code
Violations (LCV) are sent out over the corresponding RLCV (RNEG) pin. The
RLCV pin is asserted for one symbol period at the time the violation appears on
the RX output pin (RNRZ).
The following shows data sequence criteria for LCV; violations are indicated
in bold text. A valid bipolar pulse is indicated by a B. A bipolar violation
(non-alternating positive or negative) pulse is indicated by a V.
•
Excessive zeros: 0, 0, 0, 0 (HDB3) or 0, 0, 0 (B3ZS). These violations are
passed on as 0 data on the RNRZ pin.
•
Bipolar violation: B, 0, V (i.e., +1, 0, +1 or -1, 0, -1 for HDB3) B, V
(B3ZS and HDB3). These violations are passed on as 1 data on the RNRZ
pin.
•
Coding violation: 0, 0, V (HDB3) or 0, V (B3ZS) with an even number of
Bs since the last valid 0 substitution V (follows coding rule). These
violations are passed on as 0 data on the RNRZ pin.
The even/odd counter (used to count the number of Bs between Vs) will count
a bipolar violation as a B. A coding violation or a valid 0 substitution resets the
counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com