Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28331 Datasheet(PDF) 59 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 59 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 55Page - Synaptics Incorporated. CX28331 Datasheet HTML 56Page - Synaptics Incorporated. CX28331 Datasheet HTML 57Page - Synaptics Incorporated. CX28331 Datasheet HTML 58Page - Synaptics Incorporated. CX28331 Datasheet HTML 59Page - Synaptics Incorporated. CX28331 Datasheet HTML 60Page - Synaptics Incorporated. CX28331 Datasheet HTML 61Page - Synaptics Incorporated. CX28331 Datasheet HTML 62Page - Synaptics Incorporated. CX28331 Datasheet HTML 63Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
CX28331/CX28332/CX28333
3.0 Applications
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
3.1 PCB Design Considerations for CX2833i
100985A
Conexant
3-3
Figure 3-1.
NOTE(S):
1. All transformers are part number T3001 from Pulse Technology. See Recommended Vendors, Section 3.1.5.
2. TMONP and TMONM are only available on the CX2833i-3x device and are denoted by dotted lines.
TX
TPOS
TNEG
TCLK
TLINEP
TLINEN
RX
RLINEP
RNEG
RLINEN
RPOS
RCLK
MODE
BIAS
RESET
Channel 1
CX28333
Framer
37.4
9
37.4
9
31.6
9
31.6
9
0.01µF
1:1
1:1
Type 728, 734, 735
75
9
Type 728, 734, 735
75
9
TX
TPOS
TNEG
TCLK
TLINEN
RX
RLINEP
RNEG
RLINEN
RPOS
RCLK
MODE
BIAS
RESET
Channel 2
TLINEP
TLINEP
TMONP
TMONM
TMONP
TMONM
TMONP
TMONM
Framer
37.4
9
37.4
9
31.6
9
31.6
9
0.01µF
1:1
1:1
Type 728, 734, 735
75
9
Type 728, 734, 735
75
9
TX
TPOS
TNEG
TCLK
TLINEN
RX
RLINEP
RNEG
RLINEN
RPOS
RCLK
MODE
BIAS
RESET
Channel 2
Framer
37.4
9
37.4
9
31.6
9
31.6
9
0.01µF
1:1
1:1
Type 728, 734, 735
75
9
Type 728, 734, 735
75
9
MODE
BIAS
RESET
RBIAS
12.1K
9
Mode/Status Pins
100985_009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com