Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28331 Datasheet(PDF) 3 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 3 Page - Synaptics Incorporated.

  CX28331 Datasheet HTML 1Page - Synaptics Incorporated. CX28331 Datasheet HTML 2Page - Synaptics Incorporated. CX28331 Datasheet HTML 3Page - Synaptics Incorporated. CX28331 Datasheet HTML 4Page - Synaptics Incorporated. CX28331 Datasheet HTML 5Page - Synaptics Incorporated. CX28331 Datasheet HTML 6Page - Synaptics Incorporated. CX28331 Datasheet HTML 7Page - Synaptics Incorporated. CX28331 Datasheet HTML 8Page - Synaptics Incorporated. CX28331 Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
100985A
Conexant
Ordering Information
Revision History
Model Number
Package
Description
Operating
Temperature
CX28331-1x
80-Pin ETQFP
Single-channel LIU
–
40 °C to +85 °C
CX28332-1x
80-Pin ETQFP
Dual-channel LIU
–
40 °C to +85 °C
CX28333-1x
80-Pin ETQFP
Triple-channel LIU
–
40 °C to +85 °C
CX28331-3x
100-Pin ETQFP
Single channel with Transmit Monitoring
–
40 °C to +85 °C
CX28332-3x
100-Pin ETQFP
Dual channel with Transmit Monitoring
–
40 °C to +85 °C
CX28333-3x
100-Pin ETQFP
Triple channel with Transmit Monitoring
–
40 °C to +85 °C
Revision
Level
Date
Description
A
—
May 5, 2000
Initial Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com