Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28331 Datasheet(PDF) 16 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 16 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 12Page - Synaptics Incorporated. CX28331 Datasheet HTML 13Page - Synaptics Incorporated. CX28331 Datasheet HTML 14Page - Synaptics Incorporated. CX28331 Datasheet HTML 15Page - Synaptics Incorporated. CX28331 Datasheet HTML 16Page - Synaptics Incorporated. CX28331 Datasheet HTML 17Page - Synaptics Incorporated. CX28331 Datasheet HTML 18Page - Synaptics Incorporated. CX28331 Datasheet HTML 19Page - Synaptics Incorporated. CX28331 Datasheet HTML 20Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
1.0 Pin Description
CX28331/CX28332/CX28333
1.1 Pin Assignments
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
1-6
Conexant
100985A
Digital Data Pins
54
——
RPOS/
RNRZ
Ch1 receive Positive rail
or NRZ data
O
Resynchronized receive data
intended to be strobed out by the
corresponding RCLK.
When ENDECDIS = 1, these outputs
are positive and negative AMI data
(RPOS and RNEG).
When ENDECDIS = 0, these outputs
are decoded NRZ data (RNRZ) and
line code violation (RLCV). A line
code violation is indicated when
RLCV = 1.
See notes on the ENDECDIS pin in
the Control Signals section.
—
68
68
RPOS1/
RNRZ1
55
——
RNEG/
RLCV
Ch1 receive Negative rail
or line code violation
O
—
69
69
RNEG1/
RLCV1
—
33
54
RPOS2/
RNRZ2
Ch2 receive Positive rail
or NRZ data
O
—
32
55
RNEG2/
RLCV2
Ch2 receive Negative rail
or line code violation
O
——
33
RPOS3/
RNRZ3
Ch3 receive Positive rail
or NRZ data
O
——
32
RNEG3/
RLCV3
Ch3 receive Negative rail
or line code violation
O
53
——
RCLK
Receive clock Ch1
O
Recovered clock for each channel
receiver, intended for strobing the
corresponding RDAT into the
following framer or logic.
—
67
67
RCLK1
—
34
53
RCLK2
Receive clock Ch2
O
——
34
RCLK3
Receive clock Ch3
O
49
——
TPOS/
TNRZ
Ch1 transmit Positive
rail or NRZ data
I
Synchronized transmit data
intended to be strobed in by the
corresponding TCLK.
When ENDECDIS = 1, these inputs
are expected to be positive and
negative AMI data (TPOS and
TNEG).
When ENDECDIS = 0, these inputs
are expected to be uncoded NRZ
data (TNRZ) and no connects (NC).
See notes on the ENDECDIS pin in
the Control Signals section.
—
63
63
TPOS1/
TNRZ1
48
——
TNEG/
NC
Ch1 transmit Negative
rail or no connect data
I
—
64
64
TNEG1/
NC1
—
38
49
TPOS2/
TNRZ2
Ch2 transmit Positive or
NRZ data
I
—
37
48
TNEG2/
NC2
Ch2 transmit Negative
rail or no connect data
I
——
38
TPOS3/
TNRZ3
Ch3 transmit Positive or
NRZ data
I
——
37
TNEG3/
NC3
Ch3 transmit Negative
rail or no connect data
I
Table 1-1. CX2833i-1x Pin Definitions (2 of 6)
Pin #
Signal Name
Description
I/O/P
Notes
CX28331-1x CX28332-1x CX28333-1x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com