Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28331 Datasheet(PDF) 25 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 25 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 21Page - Synaptics Incorporated. CX28331 Datasheet HTML 22Page - Synaptics Incorporated. CX28331 Datasheet HTML 23Page - Synaptics Incorporated. CX28331 Datasheet HTML 24Page - Synaptics Incorporated. CX28331 Datasheet HTML 25Page - Synaptics Incorporated. CX28331 Datasheet HTML 26Page - Synaptics Incorporated. CX28331 Datasheet HTML 27Page - Synaptics Incorporated. CX28331 Datasheet HTML 28Page - Synaptics Incorporated. CX28331 Datasheet HTML 29Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
CX28331/CX28332/CX28333
1.0 Pin Description
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
1.1 Pin Assignments
100985A
Conexant
1-15
Digital Data Pins
69
——
RPOS/
RNRZ
Ch1 receive
Positive rail or
NRZ data
O
Resynchronized receive data intended to be
strobed out by the corresponding RCLK.
When ENDECDIS = 1, these outputs are
positive and negative AMI data (RPOS and
RNEG).
When ENDECDIS = 0, these outputs are
decoded NRZ data (RNRZ) and line code
violation (RLCV). A line code violation is
indicated when RLCV = 1.
See notes on the ENDECDIS pin in the
Control Signals section.
—
84
84
RPOS1/
RNRZ1
70
——
RNEG/
RLCV
Ch1 receive
Negative rail or
line code
violation
O
—
85
85
RNEG1/
RLCV1
—
41
69
RPOS2/
RNRZ2
Ch2 receive
Positive rail or
NRZ data
O
—
40
70
RNEG2/
RLCV2
Ch2 receive
Negative rail or
line code
violation
O
——
41
RPOS3/
RNRZ3
Ch3 receive
Positive rail or
NRZ data
O
——
40
RNEG3/
RLCV3
Ch3 receive
Negative rail or
line code
violation
O
68
——
RCLK
Receive clock
Ch1
O
Recovered clock for each channel receiver,
intended for strobing the corresponding
RDAT into the following framer or logic.
—
83
83
RCLK1
—
42
68
RCLK2
Receive clock
Ch2
O
——
42
RCLK3
Receive clock
Ch3
O
Table 1-2. CX2833i-3x Pin Definitions (2 of 8)
Pin #
Signal Name
Description
I/O/P
Notes
CX28331-3x CX28332-3x CX28333-3x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com