Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28331 Datasheet(PDF) 30 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 30 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 26Page - Synaptics Incorporated. CX28331 Datasheet HTML 27Page - Synaptics Incorporated. CX28331 Datasheet HTML 28Page - Synaptics Incorporated. CX28331 Datasheet HTML 29Page - Synaptics Incorporated. CX28331 Datasheet HTML 30Page - Synaptics Incorporated. CX28331 Datasheet HTML 31Page - Synaptics Incorporated. CX28331 Datasheet HTML 32Page - Synaptics Incorporated. CX28331 Datasheet HTML 33Page - Synaptics Incorporated. CX28331 Datasheet HTML 34Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
1.0 Pin Description
CX28331/CX28332/CX28333
1.1 Pin Assignments
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
1-20
Conexant
100985A
58
——
REFCLK
Reference clock
for Ch1
I
Reference clock from off-chip.
This clock should be set to one of the
following:
•
E3 rate (34.368 MHz)
•
DS3 rate (44.736 MHz)
•
STS-1 rate (51.84 MHz)
The clock rate should correspond to the
mode of operation that has been chosen for
the channel.
—
81
81
REFCLK1
—
44
58
REFCLK2
Reference clock
for Ch2
I
——
44
REFCLK3
Reference clock
for Ch3
I
99
80
99
RBIAS
Bias resistor
O
A 12.1 k
Ω ± 1% resistor tied from this pin
to ground provides the current reference to
the entire chip.(2)
97
97
97
Reset
Reset
I/O
Asynchronous reset (reset entire device).
96
96
96
GPD
Global Power
down
I/O
Power down (Static Idd testing).
0 = Power down disable
1 = Power down active
11
——
TMONP
Ch1 positive
input
I
Transmit monitor input pins are normally
tied to their respective transmit line
outputs, i.e., (TMON1P
⇒ TLINE1P and
TMON1M
⇒ TLINE1M).
Loss of signal outputs are active high
when the monitor inputs detect no signal.
The TX monitor test pin will assert all
TLOS outputs when TMONTST is high.
This is used to test board level functionality
downstream from the TLOS outputs.
—
11
TMON1P
14
——
TMONM
Ch1 negative
input
I
—
44
TMON1M
—
21
11
TMON2P
Ch2 positive
input
I
—
24
14
TMON2M
Ch2 negative
input
I
——
21
TMON3P
Ch3 positive
input
I
——
24
TMON3M
Ch3 negative
input
I
59
——
TLOS
TX loss of signal
Ch1 Output
O
—
80
80
TLOS1
—
45
59
TLOS2
TX loss of signal
Ch2 Output
O
——
45
TLOS3
TX loss of signal
Ch3 Output
O
54
54
54
TMONTST
TX monitor test
pin
I
Table 1-2. CX2833i-3x Pin Definitions (7 of 8)
Pin #
Signal Name
Description
I/O/P
Notes
CX28331-3x CX28332-3x CX28333-3x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com