Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28331 Datasheet(PDF) 17 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 17 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 13Page - Synaptics Incorporated. CX28331 Datasheet HTML 14Page - Synaptics Incorporated. CX28331 Datasheet HTML 15Page - Synaptics Incorporated. CX28331 Datasheet HTML 16Page - Synaptics Incorporated. CX28331 Datasheet HTML 17Page - Synaptics Incorporated. CX28331 Datasheet HTML 18Page - Synaptics Incorporated. CX28331 Datasheet HTML 19Page - Synaptics Incorporated. CX28331 Datasheet HTML 20Page - Synaptics Incorporated. CX28331 Datasheet HTML 21Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
CX28331/CX28332/CX28333
1.0 Pin Description
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
1.1 Pin Assignments
100985A
Conexant
1-7
50
——
TCLK
Transmit clock Ch1
I
Transmit bit clock input for strobing
with transmit data into the CX2833i.
—
62
62
TCLK1
—
39
50
TCLK2
Transmit clock Ch2
I
——
39
TCLK3
Transmit clock Ch3
I
52
——
RLOS
Loss of signal Ch1
O
Loss Of Signal (LOS) indication for
each channel, as determined by
insufficient pulse density. Signal
loss detected when RLOS = 1. An
LOS will be asserted when 175 ±75
0s occur in a row and deasserted
when the pulse density is between
28% and 33% (DS3/STS-1) (i.e., a
1s density).
—
66
66
RLOS1
—
35
52
RLOS2
Loss of signal Ch2
O
——
35
RLOS3
Loss of signal Ch3
O
Control Signals
59
59
59
ENDECDIS
Encoder/decoder
disable (for all channels)
I
1 = Dual rail pulse coded data
format. Input transmit data pins
TPOS, TNRZ, TNEG and NC are
interpreted as TPOS and TNEG
(encoded positive and negative rail
data). Output receive data pins
RPOS and RNRZ, and RNEG and
RLCV are interpreted as RPOS and
RNEG, with RPOS having a positive
pulse in place of every positive AMI
pulse and RNEG having a negative
pulse in place of every negative AMI
pulse.
0 = NRZ format. Transmit data pins
TPOS and TNEG are interpreted as
TNRZ and NC (not connected).
Receive data pins RPOS and RNEG
are interpreted as RNRZ and RLCV.
In this mode, all line code violations
are reported as active high on
RLCV.
51
——
TAIS
Transmit Ch1 AIS mode
enable
I
Transmission of Alarm Indication
Signal (AIS) for a given channel.
Replace transmit data with AIS
signal. The AMI form of AIS
supported is alternating 1s.
(+1, -1, +1, -1, +1, ...)
Looping takes precedence over AIS.
1 = AIS mode enabled
0 = AIS mode disabled
—
61
61
TAIS1
—
40
51
TAIS2
Transmit Ch2 AIS mode
enable
I
——
40
TAIS3
Transmit Ch3 AIS mode
enable
I
Table 1-1. CX2833i-1x Pin Definitions (3 of 6)
Pin #
Signal Name
Description
I/O/P
Notes
CX28331-1x CX28332-1x CX28333-1x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com