Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28331 Datasheet(PDF) 46 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 46 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 42Page - Synaptics Incorporated. CX28331 Datasheet HTML 43Page - Synaptics Incorporated. CX28331 Datasheet HTML 44Page - Synaptics Incorporated. CX28331 Datasheet HTML 45Page - Synaptics Incorporated. CX28331 Datasheet HTML 46Page - Synaptics Incorporated. CX28331 Datasheet HTML 47Page - Synaptics Incorporated. CX28331 Datasheet HTML 48Page - Synaptics Incorporated. CX28331 Datasheet HTML 49Page - Synaptics Incorporated. CX28331 Datasheet HTML 50Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
2.0 Functional Description
CX28331/CX28332/CX28333
2.4 Jitter Tolerance
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
2-14
Conexant
100985A
Figure 2-8. Minimum Jitter Tolerance Requirement
DS3 / STS-1 Rates
1.0 UI
0.1 UI
1.0 UI
10 UI
0.1 UI
Jitter Frequency
Jitter Frequency
E3 Rate
STS-1
DS3 Category I
DS3 Category II
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
10 Hz
100 Hz
10 kHz
100 kHz
1 kHz
100604_014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com