Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28331 Datasheet(PDF) 54 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 54 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 50Page - Synaptics Incorporated. CX28331 Datasheet HTML 51Page - Synaptics Incorporated. CX28331 Datasheet HTML 52Page - Synaptics Incorporated. CX28331 Datasheet HTML 53Page - Synaptics Incorporated. CX28331 Datasheet HTML 54Page - Synaptics Incorporated. CX28331 Datasheet HTML 55Page - Synaptics Incorporated. CX28331 Datasheet HTML 56Page - Synaptics Incorporated. CX28331 Datasheet HTML 57Page - Synaptics Incorporated. CX28331 Datasheet HTML 58Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
2.0 Functional Description
CX28331/CX28332/CX28333
2.9 AC Characteristics
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
2-22
Conexant
100985A
2.9 AC Characteristics
Table 2-6. AC Characteristics (Logic Timing)
Parameter
Conditions
Min
Nom
Max
Unit
Tosym, Tisym
RCLK and TCLK
E3
DS-3
STS-1
—
29.10
22.35
19.29
—
ns
ns
ns
Clock Duty Cycle
Towidth/Tosym, RCLK
Tiwidth/Tisym, TCLK
Tiwidth/Tisym, REFCLK
45
40
40
—
55
60
60
%
%
%
Todelay
——
—
3ns
Tisetup
TPOS/TNRZ, TNEG,
TAIS
4
——
ns
Tihold
TPOS/TNRZ, TNEG,
TAIS
0
——
ns
NOTE(S):
1. The description applies to the DS3, E3, and STS-1 clock rates and other parameters such
as pulse width, set-up time, hold time, and duty cycle.
2. The timing diagram, illustrated in Figure 2-12, describes the logical relationship between
various clock and data signals, and parameter values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com