Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28331 Datasheet(PDF) 33 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 33 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 29Page - Synaptics Incorporated. CX28331 Datasheet HTML 30Page - Synaptics Incorporated. CX28331 Datasheet HTML 31Page - Synaptics Incorporated. CX28331 Datasheet HTML 32Page - Synaptics Incorporated. CX28331 Datasheet HTML 33Page - Synaptics Incorporated. CX28331 Datasheet HTML 34Page - Synaptics Incorporated. CX28331 Datasheet HTML 35Page - Synaptics Incorporated. CX28331 Datasheet HTML 36Page - Synaptics Incorporated. CX28331 Datasheet HTML 37Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
100985A
Conexant
2-1
2
2.0 Functional Description
2.1 Overview
CX28333 is a triple E3/DS3/STS-1 Line Interface Unit (LIU). It is the physical
layer interface between the data framer (or other terminal-side equipment) and the
electrical cable used for data transmission.
The CX28333 LIU consists of three independent data transceivers that can
operate over type 734/728 coaxial cable at the rates of 34.368 Mbps (E3), 44.736
Mbps (DS3), and 51.84 Mbps (STS-1). The transmit side takes an NRZ or
already-encoded dual rail input and encodes it into AMI B3ZS (for DS3/STS-1)
or HDB3 (for E3) analog waveforms to be transmitted over the coaxial cable. The
receiver side takes in the attenuated and distorted analog receive signal and
equalizes, slices, and resynchronizes the signal before decoding it to the NRZ
output or sending out a non-decoded dual rail.
CX28331 and CX28332 are single- and dual-E3/DS3/STS-1 LIUs,
respectively. In all respects, their performance and features are identical to the
CX28333.
The architecture of the CX2833i includes the following internal functions for
each channel:
Transmitter:
•
AMI B3ZS/HDB3 encoder
•
pulse shaper
•
line driver
•
Alarm Indication Signal (AIS) insertion
•
transmit monitor
Receiver:
•
receive sensitivity
•
Automatic Gain Control (AGC)
•
receive equalizer
•
Clock Recovery circuit
•
Loss Of Signal (LOS) detector
•
B3ZS/HDB3 decoder with bipolar violation detector
•
data squelching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com