Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28331 Datasheet(PDF) 11 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 11 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 7Page - Synaptics Incorporated. CX28331 Datasheet HTML 8Page - Synaptics Incorporated. CX28331 Datasheet HTML 9Page - Synaptics Incorporated. CX28331 Datasheet HTML 10Page - Synaptics Incorporated. CX28331 Datasheet HTML 11Page - Synaptics Incorporated. CX28331 Datasheet HTML 12Page - Synaptics Incorporated. CX28331 Datasheet HTML 13Page - Synaptics Incorporated. CX28331 Datasheet HTML 14Page - Synaptics Incorporated. CX28331 Datasheet HTML 15Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
100985A
Conexant
1-1
1
1.0 Pin Description
1.1 Pin Assignments
Figures 1-1 (CX28331-1x), 1-2 (CX28332-1x), and 1-3 (CX28333-1x) illustrate
pin assignments for the 80-pin Exposed Thin Quad Flat Package (ETQFP). See
Table 1-1 for the CX2833i-1x pin descriptions.
Figures 1-4 (CX28331-3x), 1-5 (CX28332-3x), and 1-6 (CX28333-3x)
illustrate pin assignments for the 100-pin ETQFP. The 100-pin package adds
more functionality, supporting new features such as Transmit Monitoring and
Transmit Monitoring Status testing. See Table 1-2 for the CX2833i-3x pin
descriptions.
The input/output (I/O) column is coded as follows:
I = Input
O = Output
I/O = Bidirectional
P = Power
NOTE:
All digital inputs and outputs contain 75 k
Ω pull-down resistors.
When a channel is disabled (i.e., the PDx pin is tied low or not connected), all
receive and transmit analog circuitry powers down. Analog inputs (RLINE) are
ignored and analog outputs (TLINE) are high impedance. Digital inputs of a
powered-down channel are still active, but ignored. Overall noise on the device
can be lowered by not driving the digital inputs of a powered-down channel.
NOTE:
When power is disconnected from the device, TLINE pins are low
impedance to ground if driven by more than one forward-bias diode
voltage (0.7 V) below ground. Additionally, driving TLINE, a
forward-bias diode voltage above the VGG pin, creates a low impedance
path from the TLINE pin to the VGG pin. Otherwise, the TLINE pins are
high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com