Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28331 Datasheet(PDF) 34 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 34 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 30Page - Synaptics Incorporated. CX28331 Datasheet HTML 31Page - Synaptics Incorporated. CX28331 Datasheet HTML 32Page - Synaptics Incorporated. CX28331 Datasheet HTML 33Page - Synaptics Incorporated. CX28331 Datasheet HTML 34Page - Synaptics Incorporated. CX28331 Datasheet HTML 35Page - Synaptics Incorporated. CX28331 Datasheet HTML 36Page - Synaptics Incorporated. CX28331 Datasheet HTML 37Page - Synaptics Incorporated. CX28331 Datasheet HTML 38Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
2.0 Functional Description
CX28331/CX28332/CX28333
2.1 Overview
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
2-2
Conexant
100985A
Additional Functions:
•
bias generator
•
power-on reset
•
loopback MUXes
In addition, each channel has the ability to perform remote and local
loopbacks. Figure 2-1 illustrates a typical application using the CX2833i in a
channel.
External pins are provided to configure the various line rates and formats for
each channel.
The CX2833i is used as a data transceiver over a coaxial cable that is up to
900 feet long (or up to 450 feet from the DSX) in an on-premise environment
within any public or private networks which use these data rates.
Figure 2-1. Typical Application Of Single CX2833i Channel
0–450 ft COAX
(type 734/728)
DSX
0–450 ft COAX
(type 734/728)
DSX
0–450 ft COAX
(type 734/728)
0–450 ft COAX
(type 734/728)
TX
RX
RX
TX
100604_012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com