Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28331 Datasheet(PDF) 53 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 53 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 49Page - Synaptics Incorporated. CX28331 Datasheet HTML 50Page - Synaptics Incorporated. CX28331 Datasheet HTML 51Page - Synaptics Incorporated. CX28331 Datasheet HTML 52Page - Synaptics Incorporated. CX28331 Datasheet HTML 53Page - Synaptics Incorporated. CX28331 Datasheet HTML 54Page - Synaptics Incorporated. CX28331 Datasheet HTML 55Page - Synaptics Incorporated. CX28331 Datasheet HTML 56Page - Synaptics Incorporated. CX28331 Datasheet HTML 57Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
CX28331/CX28332/CX28333
2.0 Functional Description
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
2.8 DC Characteristics
100985A
Conexant
2-21
2.8 DC Characteristics
Table 2-5. DC Characteristics
Parameter
Conditions
Min
Nom
Max
Unit
Vih high threshold
Digital inputs
2.0
—
VGG + 0.3
V
Vil low threshold
Digital inputs
–0.3
—
0.8
V
Voh high threshold
Digital outputs, Ioh = –4 mA
2.4
——
V
Vol low threshold
Digital outputs, Iol = 4 mA
——
0.4
V
ILEAK
0 V
≤ digital Vin ≤ VGG
–10
—
200
µA
Input capacitance
——
—
10
pF
Load capacitance
Digital outputs
——
15
pF
NOTE(S):
1. The digital inputs of CX2833i are TTL 5 V compliant. These inputs are diode protected to DVDDIO and DVSSIO pins.
Additionally, all of the CX2833i digital inputs contain 75 k
Ω pull-down resistors.
2. The digital outputs of CX2833i are also TTL 5 V compliant. However, these outputs will not drive to 5 V, nor will they accept
5 V external pull-ups. The output is DVDDC (3.3 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com