Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28331 Datasheet(PDF) 27 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 27 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 23Page - Synaptics Incorporated. CX28331 Datasheet HTML 24Page - Synaptics Incorporated. CX28331 Datasheet HTML 25Page - Synaptics Incorporated. CX28331 Datasheet HTML 26Page - Synaptics Incorporated. CX28331 Datasheet HTML 27Page - Synaptics Incorporated. CX28331 Datasheet HTML 28Page - Synaptics Incorporated. CX28331 Datasheet HTML 29Page - Synaptics Incorporated. CX28331 Datasheet HTML 30Page - Synaptics Incorporated. CX28331 Datasheet HTML 31Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
CX28331/CX28332/CX28333
1.0 Pin Description
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
1.1 Pin Assignments
100985A
Conexant
1-17
Control Signals
74
74
74
ENDECDIS
Encoder/decoder
disable (for all
channels)
I
1 = Dual rail pulse coded data format. Input
transmit data pins TPOS, TNRZ, TNEG and
NC are interpreted as TPOS and TNEG
(encoded positive and negative rail data).
Output receive data pins RPOS and RNRZ,
and RNEG and RLCV are interpreted as
RPOS and RNEG, with RPOS having a
positive pulse in place of every positive AMI
pulse and RNEG having a negative pulse in
place of every negative AMI pulse.
0 = NRZ format. Transmit data pins TPOS
and TNEG are interpreted as TNRZ and NC
(not connected). Receive data pins RPOS
and RNEG are interpreted as RNRZ and
RLCV. In this mode, all line code violations
are reported as active high on RLCV.
63
——
TAIS
Transmit Ch1
AIS mode enable
I
Transmission of Alarm Indication Signal
(AIS) for a given channel. Replace transmit
data with AIS signal. The AMI form of AIS
supported is alternating 1s.
(+1, -1, +1, -1, +1, ...)
Looping takes precedence over AIS.
1 = AIS mode enabled
0 = AIS mode disabled
—
76
76
TAIS1
—
49
63
TAIS2
Transmit Ch2
AIS mode enable
I
——
49
TAIS3
Transmit Ch3
AIS mode enable
—
53
53
53
E3MODE
E3MODE
I
When the pin is set to high, it enables the
E3 mode on all channels, instead of the
DS3/STS-1 mode. This also changes the
pulse shaper to E3 mode and overrides all
LBO pins. It also changes the
encoder/decoder from B3ZS mode to HDB3
mode.
1 = E3 mode
0 = DS3/STS-1 mode
55
——
LBO
Transmit line
Ch1 build-out
mode
I
Line build-out mode per channel, based on
the length of cable on the transmit side of
the cross-connect block. This bit is
overridden and the pulse shaper is disabled
(no pulse shaping) if E3MODE = 1.
1 = Inserts line build-out into the transmit
channel. Usually used when the transmit
cable is less than 350 feet in length.
0 = Line build-out bypassed (not inserted).
Usually used when the transmit cable is
greater than 350 feet in length.
—
91
91
LBO1
—
34
55
LBO2
Transmit line
Ch2 build-out
mode
I
——
34
LBO3
Transmit line
Ch3 build-out
mode
I
Table 1-2. CX2833i-3x Pin Definitions (4 of 8)
Pin #
Signal Name
Description
I/O/P
Notes
CX28331-3x CX28332-3x CX28333-3x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com