Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28331 Datasheet(PDF) 52 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 52 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 48Page - Synaptics Incorporated. CX28331 Datasheet HTML 49Page - Synaptics Incorporated. CX28331 Datasheet HTML 50Page - Synaptics Incorporated. CX28331 Datasheet HTML 51Page - Synaptics Incorporated. CX28331 Datasheet HTML 52Page - Synaptics Incorporated. CX28331 Datasheet HTML 53Page - Synaptics Incorporated. CX28331 Datasheet HTML 54Page - Synaptics Incorporated. CX28331 Datasheet HTML 55Page - Synaptics Incorporated. CX28331 Datasheet HTML 56Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
2.0 Functional Description
CX28331/CX28332/CX28333
2.7 Electrical Characteristics
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
2-20
Conexant
100985A
2.7.2 Recommended Operating Conditions
Table 2-4 specifies various operating conditions, power supplies, and the bias
resistor.
Table 2-4. Recommended Operating Conditions
Parameter
Conditions
Min
Nom
Max
Unit
Power supply voltage
DVDDC, RVDD, TVDD,
VDD
3.135
3.3
3.465
V
ESD voltage(1)
VGG
3.135
5
5.5
V
Power dissipation
(CX28333)
Total chip
—
0.83
1.0
W
Power dissipation
(CX28332)
Total chip
——
0.8
W
Power dissipation
(CX28331)
Total chip
——
.450
W
External bias resistor
Pin RBIAS to GND; ±1%
11.98
12.1
12.22
k
Ω
NOTE(S):
(1) With 5 V logic input, VGG should be tied to 5 V. With 3.3 V logic input, VGG should be tied
to 3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com