Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28331 Datasheet(PDF) 24 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 24 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 20Page - Synaptics Incorporated. CX28331 Datasheet HTML 21Page - Synaptics Incorporated. CX28331 Datasheet HTML 22Page - Synaptics Incorporated. CX28331 Datasheet HTML 23Page - Synaptics Incorporated. CX28331 Datasheet HTML 24Page - Synaptics Incorporated. CX28331 Datasheet HTML 25Page - Synaptics Incorporated. CX28331 Datasheet HTML 26Page - Synaptics Incorporated. CX28331 Datasheet HTML 27Page - Synaptics Incorporated. CX28331 Datasheet HTML 28Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
1.0 Pin Description
CX28331/CX28332/CX28333
1.1 Pin Assignments
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
1-14
Conexant
100985A
Table 1-2. CX2833i-3x Pin Definitions (1 of 8)
Pin #
Signal Name
Description
I/O/P
Notes
CX28331-3x CX28332-3x CX28333-3x
Coaxial Line Pins
17
——
RLINEP
Ch1 positive
receive data
I
Differential inputs for each channel from its
respective receive coax line. The RX expects
balanced differential inputs, usually
achieved using a 1:1 transformer.
The inputs are internally DC biased to 1.9 V.
—
77
RLINE1P
18
——
RLINEM
Ch1 negative
receive data
I
—
88
RLINE1M
—
27
17
RLINE2P
Ch2 positive
receive data
I
—
28
18
RLINE2M
Ch2 negative
receive data
I
——
27
RLINE3P
Ch3 positive
receive data
I
——
28
RLINE3M
Ch3 negative
receive data
I
12
——
TLINEP
Ch1 positive
transmit data
O
Differential, coax-driver balanced outputs
for pulse-shaped AMI B3ZS/HDB3 encoded
waveforms for each channel.
These pins should be connected to the
primary side of the 1:1 transformer through
two backmatch resistors (see Appendix B).
—
22
TLINE1P
13
——
TLINEM
Ch1 negative
transmit data
O
—
33
TLINE1M
—
22
12
TLINE2P
Ch2 positive
transmit data
O
—
23
13
TLINE2M
Ch2 negative
transmit data
O
——
22
TLINE3P
Ch3 positive
transmit data
O
——
23
TLINE3M
Ch3 negative
transmit data
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com