Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28331 Datasheet(PDF) 36 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 36 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 32Page - Synaptics Incorporated. CX28331 Datasheet HTML 33Page - Synaptics Incorporated. CX28331 Datasheet HTML 34Page - Synaptics Incorporated. CX28331 Datasheet HTML 35Page - Synaptics Incorporated. CX28331 Datasheet HTML 36Page - Synaptics Incorporated. CX28331 Datasheet HTML 37Page - Synaptics Incorporated. CX28331 Datasheet HTML 38Page - Synaptics Incorporated. CX28331 Datasheet HTML 39Page - Synaptics Incorporated. CX28331 Datasheet HTML 40Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
2.0 Functional Description
CX28331/CX28332/CX28333
2.2 Transmitter
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
2-4
Conexant
100985A
For DS3/STS-1 rates, a pulse-shaper block is used to shape the transmit
waveform and reduce its high-frequency energy content. This ensures that the
transmit pulse template is met at the cross-connect block, which follows 0–450
feet of transmit-side coaxial cable.
2.2.3 Line Driver
The differential line driver takes the filtered transmit waveform, increases it to the
proper level, and drives it into the transmit magnetics. The two external discrete
back-matching resistors (36
Ω) aid in line matching. The driver is presented with
an approximately 150
Ω differential load. Driver gain accounts for the 6 dB gain
loss in the back-matching resistors.
Figure 2-3 illustrates the Pulse/Power template measurement points for the
various data rates.
Figure 2-3. Pulse Measurement Points
0–450 ft COAX
(type 734/728)
DSX
0–450 ft COAX
Pulse/Power Template for E3
Pulse/Power Template for DS3/STS-1
(type 734/728)
DSX
0–450 ft COAX
(type 734/728)
0–450 ft COAX
(type 734/728)
TX
RX
RX
TX
100604_013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com