Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28331 Datasheet(PDF) 13 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 13 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 9Page - Synaptics Incorporated. CX28331 Datasheet HTML 10Page - Synaptics Incorporated. CX28331 Datasheet HTML 11Page - Synaptics Incorporated. CX28331 Datasheet HTML 12Page - Synaptics Incorporated. CX28331 Datasheet HTML 13Page - Synaptics Incorporated. CX28331 Datasheet HTML 14Page - Synaptics Incorporated. CX28331 Datasheet HTML 15Page - Synaptics Incorporated. CX28331 Datasheet HTML 16Page - Synaptics Incorporated. CX28331 Datasheet HTML 17Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
CX28331/CX28332/CX28333
1.0 Pin Description
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
1.1 Pin Assignments
100985A
Conexant
1-3
Figure 1-2. CX28332-1x Pin Diagram
CX28332-1x
56
57
58
59
60
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
E3MODE
ENDECDIS
DVDDC
51
52
53
54
55
46
47
48
49
50
41
42
43
44
45
DVSSC
NC
5
4
3
2
1
10
9
8
7
6
15
14
13
12
11
20
19
18
17
16
TVDD2
TLINE2N
TLINE2P
TVSS2
VSS
NC
NC
VDD
VDD
NC
NC
VSS
TVSS1
TVDD1
TLINE1N
TLINE1P
RVSS1
RLINE1P
RVDD1
RLINE1N
100985_004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com