Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28331 Datasheet(PDF) 15 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 15 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 11Page - Synaptics Incorporated. CX28331 Datasheet HTML 12Page - Synaptics Incorporated. CX28331 Datasheet HTML 13Page - Synaptics Incorporated. CX28331 Datasheet HTML 14Page - Synaptics Incorporated. CX28331 Datasheet HTML 15Page - Synaptics Incorporated. CX28331 Datasheet HTML 16Page - Synaptics Incorporated. CX28331 Datasheet HTML 17Page - Synaptics Incorporated. CX28331 Datasheet HTML 18Page - Synaptics Incorporated. CX28331 Datasheet HTML 19Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
CX28331/CX28332/CX28333
1.0 Pin Description
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
1.1 Pin Assignments
100985A
Conexant
1-5
Table 1-1. CX2833i-1x Pin Definitions (1 of 6)
Pin #
Signal Name
Description
I/O/P
Notes
CX28331-1x CX28332-1x CX28333-1x
Coaxial Line Pins
14
——
RLINEP
Ch1 positive receive
data
I
Differential inputs for each channel
from its respective receive coax
line. The RX expects balanced
differential inputs, usually achieved
using a 1:1 transformer.
The inputs are internally DC biased
to 1.9 V.
—
66
RLINE1P
15
——
RLINEN
Ch1 negative receive
data
I
—
77
RLINE1N
—
22
14
RLINE2P
Ch2 positive receive
data
I
—
23
15
RLINE2N
Ch2 negative receive
data
I
——
22
RLINE3P
Ch3 positive receive
data
I
——
23
RLINE3N
Ch3 negative receive
data
I
10
——
TLINEP
Ch1 positive transmit
data
O
Differential, coax-driver balanced
outputs for pulse-shaped AMI
B3ZS/HDB3 encoded waveforms
for each channel.
These pins should be connected to
the primary side of the 1:1
transformer through two
backmatch resistors (see Appendix
B).
—
2
2
TLINE1P
11
——
TLINEN
Ch1 negative transmit
data
O
—
33
TLINE1N
—
18
10
TLINE2P
Ch2 positive transmit
data
O
—
19
11
TLINE2N
Ch2 negative transmit
data
O
——
18
TLINE3P
Ch3 positive transmit
data
O
——
19
TLINE3N
Ch3 negative transmit
data
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com