Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28331 Datasheet(PDF) 28 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 28 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 24Page - Synaptics Incorporated. CX28331 Datasheet HTML 25Page - Synaptics Incorporated. CX28331 Datasheet HTML 26Page - Synaptics Incorporated. CX28331 Datasheet HTML 27Page - Synaptics Incorporated. CX28331 Datasheet HTML 28Page - Synaptics Incorporated. CX28331 Datasheet HTML 29Page - Synaptics Incorporated. CX28331 Datasheet HTML 30Page - Synaptics Incorporated. CX28331 Datasheet HTML 31Page - Synaptics Incorporated. CX28331 Datasheet HTML 32Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
1.0 Pin Description
CX28331/CX28332/CX28333
1.1 Pin Assignments
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
1-18
Conexant
100985A
71
——
LLOOP
Local loopback
enable Ch1
I
Local loopback enable per channel. The
transmit data is looped back immediately
from the encoder to the decoder in place of
the received data.
1 = local loopback enabled
0 = local loopback disabled
—
93
93
LLOOP1
—
32
71
LLOOP2
Local loopback
enable Ch2
I
——
32
LLOOP3
Local loopback
enable Ch3
I
72
——
RLOOP
Remote
loopback enable
Ch1
I
Remote loopback enable per channel. The
receive data, retimed after clock recovery, is
looped back into the AMI generator in place
of the transmit data.
1 = remote loopback enabled
0 = remote loopback disabled
—
94
94
RLOOP1
—
31
72
RLOOP2
Remote
loopback enable
Ch2
I
——
31
RLOOP3
Remote
loopback enable
Ch3
I
56
——
XOE
Transmit output
enable Ch1
I
Transmit output enable per channel.
1 = transmit line output driver enabled
0 = transmit output driver set to high
impedance state
—
90
90
XOE1
—
35
56
XOE2
Transmit output
enable Ch2
I
——
35
XOE3
Transmit output
enable Ch3
I
57
——
REQH
Ch1 Receive
High EQ Gain
Enable
I
The equalizer in the CX2833i has two gain
settings. The higher gain setting is designed
to optimally equalize a nominally-shaped
(meets the pulse template), pulse-driven
DS3 or STS-1 waveform that is driven
through 0–900 feet of cable.
Square-shaped pulses such as E3 or
DS3-HIGH require less high-frequency gain
and should use the low EQ gain setting.
REQH = 1 high EQ gain (DS3/STS-1 modes)
REQH = 0 low EQ gain (E3/DS3
Square Modes)
—
89
89
REQH1
—
36
57
REQH2
Ch2 Receive
High EQ Gain
Enable
I
——
36
REQH3
Ch3 Receive
High EQ Gain
Enable
I
Power/Ground
15
——
TVDD
TX power Ch1
P
Power pins for transmit circuitry per
channel (3.3 V).
55
TVDD1
—
25
15
TVDD2
TX power Ch2
P
——
25
TVDD3
TX power Ch3
P
Table 1-2. CX2833i-3x Pin Definitions (5 of 8)
Pin #
Signal Name
Description
I/O/P
Notes
CX28331-3x CX28332-3x CX28333-3x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com