Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 227 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 227 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 223Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 224Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 225Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 226Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 227Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 228Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 229Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 230Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 231Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 662 page
background image
Register Descriptions (DMA_BASES = $1FFEC0, $1FFEC8, $1FFED0, $1FFED8, $1FFEE0, $1FFEE8)
Direct Memory Access (DMA), Rev. 4
Freescale Semiconductor
9-9
9.6.1.5 Reserved—Bits 11–9
These bits are reserved or not implemented. They are read as, and written with 0s.
9.6.1.6 Peripheral Select (PERIPH_SEL)—Bits 8–4
This five-bit field selects one of 16 possible DMA peripherals. Table 9-10 illustrates the
peripheral selected for each setting of this field. When the DMA is enabled, the peripheral chosen
by this field controls the start of the DMA operation. That is, when the selected DMA_REQ
[PERIPHERAL SELECT] line is asserted, the DMA operation begins.
Note:
If PERIPHERAL SELECT is equal to zero, DMA operation begins immediately after
DMA operation is enabled (via asserting the DMA ON bit). This mechanism may be
used for memory-to-memory transfers. If a peripheral-to-peripheral DMA transfer is
desired, PERIPHERAL SELECT should be set to the slower of the two peripherals to
prevent data overruns.
Note:
Whenever doing DMA transfers with peripherals, DATASIZE should be set as word
mode.
Table 9-10. DMA_REQ Connections
DMA_REQ Line
Peripheral
Transfer Control
Register Peripheral
Select Field
15
HI8 High Transmitter
16
14
HI8 High Receiver
15
13
ESSI1 Transmitter 2
14
12
ESSI1 Transmitter 1
13
11
ESSI1 Transmitter 0
12
10
ESSI1 Receiver
11
9
ESSI0 Transmitter 2
10
8
ESSI0 Transmitter 1
9
7
ESSI0 Transmitter 0
8
6
ESSI0 Receiver
7
5
SCI1 Transmitter
6
4
SCI1 Receiver
5
3
SCI0 Transmitter
4
2
SCI0 Receiver
3
1
SPI Transmitter
2
0
SPI Receiver
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com