Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 228 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 228 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 224Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 225Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 226Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 227Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 228Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 229Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 230Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 231Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 232Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 662 page
background image
Register Descriptions (DMA_BASES = $1FFEC0, $1FFEC8, $1FFED0, $1FFED8, $1FFEE0, $1FFEE8)
5685X Digital Signal Controller User Manual, Rev. 4
9-10
Freescale Semiconductor
To select a peripheral to trigger a DMA operation, the peripheral select field of the DMA
Transfer Control Register is written with the value DMA_REQ line + 1. For example, if you want
the SCI1 Receiver to initiate a DMA request, write the value 5 into the peripheral select field of
the DMA Transfer Control Register.
9.6.1.7 Source Sign/Magnitude (SS/M)—Bits 3–2
This two-bit field determines how the DMA Source Address Register gets changed after each
DMA read operation. The Source Address Register may remain unchanged, be
post-incriminated, or be post-decremented as follows:
•
0x = Do not change the address register
•
10 = Increment the address register (by the DATA SIZE amount) after each read
•
11 = Decrement the address register (by the DATA SIZE amount) after each read
9.6.1.8 Destination Sign/Magnitude (DS/M)—Bits 1–0
This two-bit field determines how the DMA Destination Address Register gets changed after
each DMA write operation. The Destination Address Register may remain unchanged, be
post-incriminated, or be post-decremented as follows:
•
0x = Do not change the address register
•
10 = Increment the address register (by the DATA SIZE amount) after each read
•
11 = Decrement the address register (by the DATA SIZE amount) after each read
9.6.2 DMA Circular Queue Size (DMACQS)
Figure 9-4. DMA Circular Queue Size (DMACQS)
See Programmer’s Sheet on Appendix page B - 50
9.6.2.1 Circular Queue Size (DMACQS)—Bits 15–0
This register determines the size of the Circular Queue. It defaults to all zeros. When zero,
circular queue operation is disabled. When the Circular Queue Size is non-zero, circular queue
mode is operational. In this mode, the DMA Destination Address Register changes with
post-increments or post-decrements for each DMA write operation. The Circular Queue Size is
decremented after each write. When the Circular Queue Size reaches zero it is restored to its
initial value. The DMA Destination Address Register is also restored to its initial value. This
Base+ $1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
DMA CIRCULAR QUEUE SIZE
Write
Reset
000
000
00
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com