Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 229 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 229 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 225Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 226Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 227Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 228Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 229Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 230Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 231Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 232Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 233Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 662 page
background image
Register Descriptions (DMA_BASES = $1FFEC0, $1FFEC8, $1FFED0, $1FFED8, $1FFEE0, $1FFEE8)
Direct Memory Access (DMA), Rev. 4
Freescale Semiconductor
9-11
restoration allows the circular queue to continuously update with new data without additional
Central Processing Unit (CPU) intervention.
Note:
If interrupts are enabled while in the Circular Queue mode the DMA Transfer Count
Register is used to determine when interrupts are issued.
Note:
If both the source and destination registers are set to change using post- increment or
post-decrement, both registers will be returned to their initial values.
9.6.3 DMA Transfer Count (DMACNT)
Figure 9-5. DMA Transfer Count (DMACNT)
See Programmer’s Sheet on Appendix page B - 49
9.6.3.1 Transfer Count (DMACNT)—Bits 15–0
This is the count of the number of items (bytes or words) to transfer in the DMA data block. This
value is decremented after each DMA write operation. If DMA interrupts are enabled, a DMA
interrupt will be asserted when this count reaches zero. If circular queue operation is enabled, the
Transfer Count register is reloaded with its initial count value when it reaches zero. This permits
continuous DMA operation without additional Central Processing Unit (CPU) intervention. In
the circular queue operational mode and interrupts enabled an interrupt is issued each time the
transfer count reaches zero, if DMA. Each interrupt indicates the complete transfer of one
count-sized block of data.
9.6.4 DMA Destination Address Low (DMADAL)
Figure 9-6. DMA Destination Address Low (DMADAL)
See Programmer’s Sheet on Appendix page B - 48
9.6.4.1 Destination Address Low (DMADAL)—Bits 15–0
This is the lower word of the DMA Destination Address. DMA data is written from this address.
If post-incrementing (or decrementing) is enabled, this value is updated with each write
transaction.
Base + $2
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
DMA TRANSFER COUNT
Write
Reset
00
000
000
0
0
0
0
0
0
0
0
Base+ $3
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
DMA DESTINATION ADDRESS (LOW)
Write
Reset
00
000
000
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com