Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 233 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 233 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 229Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 230Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 231Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 232Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 233Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 234Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 235Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 236Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 237Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 662 page
background image
Programming Examples
Direct Memory Access (DMA), Rev. 4
Freescale Semiconductor
9-15
Note:
Because this scenario wishes to store the byte sized data in reverse order, the initial
destination address $2000 + $100 -1 = $20FF.
Note:
The Transfer Control Register is written to increment the Source Address Register and
decrement the Destination Address Register.
In step seven, the DMA is enabled (DAMON =1), DMA Interrupts are enabled (INTRON = 1),
the DMA Interrupt Pending bit is cleared, the DMA data size is set to byte, $0 is written to the
Peripheral Select field (indicating a memory-to-memory DMA operation), the DMA source is set
to increment by bytes (CSSIM = 0), and the DMA destination address is set to decrement by
bytes (DSIM = 11).
9.7.3 Peripheral-to-Memory Circular Queue DMA Operation
In this scenario, assume you want to transfer data from a SCI peripheral in a continuous transfer
mode. The SCI0 data read register is at $1FFFE4. The SCI0 is assigned to DMA_REQ[3],
illustrated in Table 9-10. The SCI is transferring one byte at a time, but it is stored as a word.
You want the DMA to interrupt the core at the completion of each 40-word packet. The data is to
be placed into a 400-word circular queue beginning at address $5000. Figure 9-11 illustrates this
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com