Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 234 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 234 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 230Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 231Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 232Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 233Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 234Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 235Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 236Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 237Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 238Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 662 page
background image
Programming Examples
5685X Digital Signal Controller User Manual, Rev. 4
9-16
Freescale Semiconductor
Note:
In the circular queue mode, the DMA operation runs endlessly until the DMA is
explicitly turned off by the processor. If the byte mode is selected, source and
destination addresses have no boundary restrictions.
Figure 9-11. DMA Circular Queue Operation
To configure the DMA to perform this operation, the following steps would be taken:
1. Write $001F to the DMA Source Address (high) register
2. Write $FFE4 to the DMA Source Address (low) register
3. Write $0000 to the DMA Destination Address (high) register
4. Write $5000 to the DMA Destination Address (low) register
5. Write $0028 (hex = 40 decimal) to the DMA Transfer Count register
6. Write $0190 (hex = 400 decimal) to the DMA Circular Queue Size register
7. Write $D032 to the DMA Transfer Control register
Steps 1 through 6 above may be performed in any order; however, step seven must be performed
last. In step seven follow these steps:
•
The DMA is enabled (DMAON = 1)
•
DMA Interrupts are enabled (INTRON = 1)
•
The DMA Interrupt Pending bit is cleared (INTERPEND = 0)
40-word
packet
40-word
packet
40-word
packet
40-word
packet
40-word
packet
40-word
packet
40-word
packet
40-word
packet
40-word
packet
40-word
packet
400-Word
Circular
Buffer
$5000
$518F
DMA Intr
DMA Intr
DMA Intr
DMA Intr
DMA Intr
DMA Intr
DMA Intr
DMA Intr
DMA Intr
DMA Intr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com