Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 230 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 230 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 226Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 227Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 228Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 229Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 230Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 231Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 232Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 233Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 234Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 662 page
background image
Register Descriptions (DMA_BASES = $1FFEC0, $1FFEC8, $1FFED0, $1FFED8, $1FFEE0, $1FFEE8)
5685X Digital Signal Controller User Manual, Rev. 4
9-12
Freescale Semiconductor
9.6.5 DMA Destination Side Address High (DMADAH)
Figure 9-7. DMA Destination Address High (DMADAH)
See Programmer’s Sheet on Appendix page B - 47
9.6.5.1 Reserved—Bits 15–8
These bits are reserved or not implemented. They are read as, and written with 0s.
9.6.5.2 Destination Address High (DMADAH)—Bits 7–0
This is the upper byte of the DMA Destination Address. DMA data is written from this address.
If post-incrementing (or decrementing) is enabled, this value is updated with each write
transaction.
9.6.6 DMA Source Address Low (DMASAL)
Figure 9-8. DMA Source Address Low (DMASAL)
See Programmer’s Sheet on Appendix page B - 46
9.6.6.1 Source Address Low (DMASAL)—Bits 15-0
This is the lower word of the DMA Source Address. DMA data is read from this address.
If
post-incrementing (or decrementing) is enabled, this value is updated with each read transaction.
9.6.7 DMA Source Address High (DMASAH)
Figure 9-9. DMA Source Address High (DMASAH)
See Programmer’s Sheet on Appendix page B - 45
9.6.7.1 Reserved—Bits 15–8
These bits are reserved or not implemented. They are read as, and written with 0s.
Base + $4
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
DMA DESTINATION ADDRESS (HIGH)
Write
0
0
0
0
0
0
0
0
Reset
000
000
00
0
0
0
0
0
0
0
0
Base + $5
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
DMA SOURCE ADDRESS (LOW)
Write
Reset
000
000
00
0
0
0
0
0
0
0
0
Base + $6
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
DMA SOURCE ADDRESS (HIGH)
Write
0
0
0
0
0
0
0
0
Reset
000
000
00
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com