Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 231 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 231 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 227Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 228Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 229Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 230Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 231Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 232Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 233Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 234Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 235Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 662 page
background image
Programming Examples
Direct Memory Access (DMA), Rev. 4
Freescale Semiconductor
9-13
9.6.7.2 Source Address High (DMASAH)—Bits 7–0
This is the upper byte of the DMA Source Address. DMA data is read from this address. If
post-incrementing (or decrementing) is enabled, this value is updated with each read transaction.
9.7 Programming Examples
Three different scenarios are described to illustrate the use of DMA.
9.7.1 Peripheral-to-Memory DMA Operation
In the first scenario, transfer data from an SPI peripheral to a 16-word block of data memory
starting at address $1000 is desired. The SPI Data Receive Register is located at X:$1FFFEA.
The SPI receive is assigned to DMA_REQ[1] and is provided in Table 9-10. In this scenario,
assume the SPI is configured to transfer data by16-bit words. We would like the DMA to
interrupt the core when the transfer is completed. To configure the DMA to perform this
operation, follow these seven steps:
1. Write $001F to the DMA Source Address (high) register
2. Write $FFEA to the DMA Source Address (low) register
3. Write $0000 to the DMA Destination Address (high) register
4. Write $1000 to the DMA Destination Address (low) register
5. Write $0010 (hex = 16 decimal) to the DMA Transfer Count register
6. Write $0000 to the DMA Circular Queue Size register to disable the circular queue
7. Write $D012 to the DMA Transfer Control register
Steps 1 through 6 above may be performed in any order; however, step seven must be performed
last. In step seven follow these steps:
•
The DMA is enabled (DMAON = 1)
•
DMA Interrupts are enabled (INTRON = 1)
•
The DMA Interrupt Pending bit is cleared (INTRPEND = 0)
•
The DMA data size is set to word (DATASIZE = 1)
•
The SPI peripheral (DMA_REQ[1]) is selected for monitoring.
•
The DMA source is set to not change values, to repeatedly read SPI data from the SPI
Data Receive register (SSIM = 0)
•
The DMA destination address is set to increment (CDSIM = 10) (by words because
DATASIZE = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com