Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 232 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 232 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 228Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 229Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 230Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 231Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 232Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 233Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 234Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 235Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 236Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 662 page
background image
Programming Examples
5685X Digital Signal Controller User Manual, Rev. 4
9-14
Freescale Semiconductor
9.7.2 Memory-to-Memory DMA Operation
I
n this scenario assume there are 256 bytes of data at address $1000 and the data is to be moved in
reversed order to memory starting at $200 with a 256-byte buffer. Figure 9-10 depicts this oper-
ation.
Figure 9-10. Memory-to-Memory DMA Mode
In this scenario, the DMA is to interrupt the core when the transfer is completed. To configure the
DMA to perform this operation, follow these steps:
1. Write $0000 to the DMA Source Address (high) register
2. Write $1000 to the DMA Source Address (low) register (first write is from $00001000)
3. Write $0000 to the DMA Destination Address (high) register
4. Write $20FF to the DMA Destination Address (low) register (first write is from
$000020FF)
5. Write $0100 to the DMA Transfer Count register (block is 256 bytes long)
6. Write $0000 to the DMA Circular Queue Size register (disable circular queue)
7. Write $C00B to the DMA Transfer Control register
Steps 1 through 6 above may be performed in any order; however, step seven must be performed
last.
Addr
Data
Addr
Data
$1000
$01
$2000
$00
$1001
$02
$2001
$FF
$1002
$03
$2002
$FE
$1003
$04
$2003
$FD
. . . . .
. . .
. . . . .
. . .
. . . . .
. . .
. . . . .
. . .
. . . . .
. . .
. . . . .
. . .
. . . . .
. . .
. . . . .
. . .
. . . . .
. . .
. . . . .
. . .
$10FE
$FF
$20FE
$02
$10FF
$00
$20FF
$01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com