Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 330 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 330 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 326Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 327Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 328Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 329Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 330Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 331Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 332Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 333Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 334Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 394 page
background image
330 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
330 • June 2011
COMPANY CONFIDENTIAL
3.9 L3 REGISTER (Address Range 0x0E00 ~ 0x0E5C)
Table 3-338, “L3 Register Summary,” on page 330 summarizes the
L3 REGISTER registers.
3.9.1
HRouter_control
Address 0x0E00
SFT&HD RST
Table 3-339, “HRouter Register,” on page 330 summerizes the HRouter_control Register
Table 3-339.
HRouter Register
Table 3-338.
L3 Register Summary
Name
Address
Reset
HROUTER CONTROL REGISTER
0x0E00
HARD & SOFT
HROUTER PORT BASED CONTROL REGISTER
0x0E04~0x0E0C
HARD & SOFT
WCMP HASH TABLE REGISTER
0x0E10~0x0E1C
HARD & SOFT
WCMP NEXT HOP TABLE REGISTER
0x0E20~0x0E2C
HARD & SOFT
ARP ENTRY LOCK CONTROL REGISTER
0x0E30
HARD & SOFT
ARP USED ACCOUNT REGISTER
0x0E34
HARD & SOFT
HNAT CONTROL REGISTER
0x0E38
HARD & SOFT
NAPT ENTRY LOCK CONTROLREGISTER
0x0E3C~0x0E40
HARD & SOFT
NAPT USED ACCOUNT REGISTER
0x0E44
HARD & SOFT
ENTRY EDIT DATA REGISTER
0x0E48~0x0E54
HARD & SOFT
ENTRY EDIT CONTROL REGISTER
0x0E58
HARD & SOFT
PRIVATE BASE IP ADDR REGISTER
0x0E5C
HARD & SOFT
Bit
R/W
Inital
Value
Mnemonic
Description
31:20
R/O
0
RESERVED
19
R/W
0
ARP_LEARN_MODE
1: Learn All ARP
0: Only learn ARP to Router.
18
R/W
0x1
ARP_OVERWRITE_EN
1: overwrite enable
17:16
R/W
0x3
GLOBAL_LOCK_TIME
0:Disable
1:100us
2:1ms
3:10ms
When edit one entry, should lock
current entry for a period;
For example overwrite session when
auto learn, or cpu force to write one
session
15:8
R/W
0x24
ARP_AGE_TIME
6s*N,
0: ARP Aging Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com