Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 331 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 331 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 327Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 328Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 329Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 330Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 331Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 332Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 333Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 334Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 335Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
331
3.9.2
HRouter_Pbased_Control0
Address 0x0E04
SFT&HD RST
Table 3-340, “Router Port Based Control Register 0,” on page 331 summerizes the
HRouter_Pbased_Control0 Register 0
Table 3-340.
Router Port Based Control Register 0
3.9.3
HRouter_Pbased_Control1
Address 0x0E08
SFT&HD RST
7:4
WCMP_HASH_EN
WCMP hash key support one or more
field from SIP/SP/DIP/DP, every field
has individual control bit to enable/
disable it;
Bit0: SIP
Bit1: SP
Bit2: DIP
Bit3: DP
1: enable
0: disable
3:2
R/W
0
RESERVED
1
R/O
0
ARP_AGE_MODE
0: normal age mode;
1:stop age when age_flagis 1;
0
R/W
0x1
ROUTER_EN
1: To enable Host routing
0: Disable Host routing
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:21
R/O
0
RESERVED
20:0
R/W
0
ARP_SOURCE_CHECK_MODE
Source check Mode for ARP
0: Disable
1: Check SMAC & SIP
2: Check SMAC & SIP & SP
3. Check SMAC & SIP & VID
4. Check SMAC & SIP & SP & VID
Port Based Control
Bit 2:0 for port 0
Bit 5:3 for port 1
…………



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com