Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 332 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 332 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 328Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 329Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 330Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 331Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 332Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 333Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 334Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 335Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 336Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 394 page
background image
332 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
332 • June 2011
COMPANY CONFIDENTIAL
Table 3-341, “HRouter Port Based Control Register 1,” on page 332 summerizes the
HRouter_Pbased_Control1 Register 1
Table 3-341.
HRouter Port Based Control Register 1
3.9.4
HRouter_Pbased_Control2
Address 0x0E0C
SFT&HD RST
Table 3-342, “HRouter Port Based Control 2 Register 2,” on page 332 summerizes the
HRouter_Pbased_Control2 Register 2
Table 3-342.
HRouter Port Based Control 2 Register 2
Bit
R/W
Inital
Value
Mnemonic
Description
31:21
R/O
0
RESERVED
20:0
R/W
0
IP_SOURCE_CHECK_MODE
Source check mode for normal packet
0: Disable
1: Check SMAC & SIP
2: Check SMAC & SIP & SP
3. Check SMAC & SIP & VID
4. Check SMAC & SIP & SP & VID
Port Based Control
Bit 2:0 for port 0
Bit 5:3 for port 1
…………
Bit
R/W
Inital
Value
Mnemonic
Description
31:23
R/O
0
RESERVED
22:16
R/W
0x7f
IP_SP_UPDATE_EN
Source Port Update enable
Can update only when IP+MAC+VID
match arp entry and no source check
violation;
Port Based Control
Bit 16: for port 0
Bit 17: for port 1
….
15
RO
0
RESERVED
14:8
R/W
0
ARP_REP_LEARN_EN
ARP reply learn enable
Port Based Control
Bit 8: for port 0
Bit 9: for port 1…….



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com